Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA22241 Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części KA22241
Szczegółowy opis  DUAL EQUALIZER AMPLIFIER WITH ALC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KA22241 Arkusz danych(HTML) 1 Page - Unisonic Technologies

  KA22241 Datasheet HTML 1Page - Unisonic Technologies KA22241 Datasheet HTML 2Page - Unisonic Technologies KA22241 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTCKA22241
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R110-001,A
DUAL EQUALIZER AMPLIFIER WITH
ALC
DESCRIPTION
The UTC KA22241 is a monolithic integrated circuit,
consisting of dual equalizer amplifier with ALC, and it
is suitable for stereo radio cassette tape recorders.
FEATURES
*Dual equalizer amplifier with built-in ALC circuit
*Low noise VNI=1.0
µV(Typical)
*High open loop voltage gain: Gv=80dB(Typical)
*Good ALC response balance between channels
*Not necessary the input coupling capacitor
*Not necessary the diode or transistor for ALC
*Built in power supply muting circuit
*Minimum number of external parts required
SIP-9
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
9
ALC
channel 1
channel 2
NF1
IN1
OUT1
GND
ALC
mute
Vcc
IN2
NF2
OUT2
ABSOLUTE MAXIMUM RATING(Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
16
V
Operating Temperature
TOPR
-20 to 75
°C
Storage Temperature
TSTG
-20 to 125
°C
Power Dissipation
PD
550
mW


Podobny numer części - KA22241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wing Shing Computer Com...
KA22241 WINGS-KA22241 Datasheet
137Kb / 6P
   DUAL EQ AMP WITH ALC
logo
Unisonic Technologies
KA22241 UTC-KA22241 Datasheet
213Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
KA22241-G09-T UTC-KA22241-G09-T Datasheet
213Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
KA22241-S14-R UTC-KA22241-S14-R Datasheet
213Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
KA22241-S14-T UTC-KA22241-S14-T Datasheet
213Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
More results

Podobny opis - KA22241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wuxi Youda electronics ...
YD22241 YOUDA-YD22241 Datasheet
83Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
KA22241 UTC-KA22241 Datasheet
213Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Wuxi Youda electronics ...
YD3308F YOUDA-YD3308F Datasheet
77Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
List of Unclassifed Man...
KA2224 ETC-KA2224 Datasheet
155Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
KA7226 SAMSUNG-KA7226 Datasheet
285Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
KA2220 SAMSUNG-KA2220 Datasheet
164Kb / 5P
   EQUALIZER AMPLIFIER WITH ALC
logo
Sanyo Semicon Device
LA3210 SANYO-LA3210 Datasheet
152Kb / 5P
   Equalizer Amplifier With ALC
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
logo
Sanyo Semicon Device
LA3220 SANYO-LA3220 Datasheet
277Kb / 8P
   2-Channel Equalizer Ampe With ALC
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com