Zakładka z wyszukiwarką danych komponentów |
|
Z-15HW22 Arkusz danych(PDF) 7 Page - Omron Electronics LLC |
|
Z-15HW22 Arkusz danych(HTML) 7 Page - Omron Electronics LLC |
7 / 18 page General-purpose Basic Switch Z 153 Z-15 (Flexible Rod Models) Z-10F Z-01H Applicable Load Range ■ Contacts Specification ■ Safety Standards Ratings UL/CSA (General ratings only) TÜV (EN61058-1) Note: 1. The above current ratings are the values of the steady-state current. 2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC). 3. Lamp load has an inrush current of 10 times the steady-state current. 4. Motor load has an inrush current of 6 times the steady-state current. 5. The normally closed and normally open ratings of reverse hinge lever models are opposite to each other. 6. The AC ratings of molded terminals are 125 and 250 V only. 7. The ratings values apply under the following test conditions: (1) Ambient temperature: 20 ±2°C (2) Ambient humidity: 65 ±5%RH (3) Operating frequency: 20 operations/min Rated voltage Non-inductive load (A) Inductive load (A) Resistive load Lamp load Inductive load Motor load NC NO NC NO NC NO NC NO 125 VAC 250 VAC 15 15 2 1 1 0.5 7 5 2.5 1.5 2 1 8 VDC 14 VDC 30 VDC 125 VDC 250 VDC 15 15 2 0.4 0.2 2 2 2 0.4 0.2 1 1 1 0.4 0.2 7 7 1 0.03 0.02 3 3 1 0.03 0.02 1.5 1.5 0.5 0.03 0.02 Item Non-inductive load (A) Inductive load (A) Resistive load Lamp load Inductive load Motor load Contact gap Rated voltage NC NO NC NO NC NO NC NO Series connection 125 VAC 250 VAC 10 10 4 2.5 2 1.5 6 6 5 3 2.5 1.5 30 VDC 125 VDC 250 VDC 10 1 0.6 4 1 0.6 2 1 0.6 6 0.1 0.05 6 0.1 0.05 3 0.1 0.05 Parallel connection 125 VAC 250 VAC 6 6 3 2.5 1.5 1.25 4 4 4 2 2 1 30 VDC 125 VDC 250 VDC 6 0.6 0.3 4 0.6 0.3 2 0.6 0.3 4 0.1 0.05 6 0.1 0.05 3 0.1 0.05 Rated voltage Resistive load (A) NC NO 125 VAC 0.1 8 VDC 14 VDC 30 VDC 0.1 0.1 0.1 Z-01H Z-15 @, Z-10FY Minimum applicable load 1 mA at 5 VDC 160 mA at 5 VDC 30 24 12 5 0 1 10 100 1,000 Current (mA) 0.1 1 mA Standard load area Z-15H, H2 Z-15G Z-15E Z-10FY Z-15ER Micro load area Z-01H 26 mA 0.16 mA 800 mW 5 mW 100 mA 160 mA Unusable range Item Classification Z-15 Z-01H Z-10F Contacts Shape Rivet Single crossbar Rivet Material Silver Gold alloy Silver Inrush current NC 30 A max. 0.1 A max. 40 A max. NO 15 A max. 0.1 A max. 20 A max. Rated voltage Model Z-15 Z-10F Z-01H 125 VAC 15A and 1/8HP 6A and 1/10HP 0.1A 250 VAC 15A and 1/4HP 6A and 1/8HP --- 480 VAC 15A 6A --- 30 VDC --- --- 0.1A 125 VDC 0.5A 0.6A --- 250 VDC 0.25A 0.3A --- Rated voltage Model Z-15H @-B Z-15G @-B Z-01H @-B 250 VAC 15 A 15 A --- 125 VAC --- --- 0.1 A 30 VDC --- --- 0.1 A |
Podobny numer części - Z-15HW22 |
|
Podobny opis - Z-15HW22 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |