Zakładka z wyszukiwarką danych komponentów |
|
Z-15H2 Arkusz danych(PDF) 6 Page - Omron Electronics LLC |
|
Z-15H2 Arkusz danych(HTML) 6 Page - Omron Electronics LLC |
6 / 18 page 152 General-purpose Basic Switch Z Specifications ■ Characteristics *1 The values are for the plunger models. (For the lever models, the values are at the plunger section.) *2 The values are for the Z-15G pin plunger. *3 The values are for the Z-10FY-B. *4 The values are for the pin plunger. The service life for models other than the pin plunger is 10,000,000 min. *5 Malfunction: 1 ms max. ■ Ratings (Basic, Split-contact and Maintained contact Models) Z-15 (Except Micro Load and Flexible Rod Models) * Figures in parentheses are for the Z-15HW52, Z-15HW78(-B) and Z-15H2(-B) models, the AC ratings of these models are 125 and 250 V only. Item Classification Z-15 (except micro load and flexible rod) Z-01H Z-15 (flexible rod) Z-10F Z-15H2 Operating speed 0.01 mm to 1 m/s (*1) 1 mm to 1 m/s 0.1 mm to 1 m/s (*1) 0.01 mm to 1 m/s Operating frequency Mechanical 240 operations/min 120 operations/min 240 operations/min 240 operations/min Electrical 20 operations/min Contact resistance 15 m Ω max. (initial value) 50 mΩ max. (initial value) 15 mΩ max. (initial value) 25 m Ω max. (initial value) 15 mΩ max. (initial value) Insulation resistance 100 M Ω min. (at 500 VDC) Dielectric strength (50 / 60 Hz for 1 min.) Between contacts of same polarity Contact gap G: 1,000 VAC Contact gap H: 600 VAC Contact gap E: 1,500 VAC Between contacts of same polarity Contact gap G: 1,000 VAC Contact gap H: 600 VAC Between contacts of same polarity Contact gap F: 1,500 VAC Between contacts of same polarity 600VAC Between current-carrying metal parts and ground, and between each terminal and non-current-carrying metal parts: 2,000 VAC Vibration resistance Malfunction 10 to 55 Hz, 1.5-mm double amplitude (*5) 10 to 20 Hz, 1.5-mm double amplitude (*5) 10 to 55 Hz, 1.5-mm double amplitude (*5) Shock resistance Destruction 1,000 m/s2 max. Malfunction 300 m/s2 max. (*2, *5) 50 m/s2 max. (*5) 300 m/s2 max. (*3, *5) 100 m/s2 max. Degree of protection General- purpose IP00 Drip-proof Equivalent to IP62 (except terminals) Degree of protection against electric shock Class I Proof tracking index (PTI) 175 Ambient operating temperature General- purpose −25°C to 80°C (with no icing) Drip-proof −15°C to 80°C (with no icing) Ambient operating humidity General- purpose 35% to 85%RH Drip-proof 35% to 95%RH Service life Mechanical Contact gap H2: 10,000,000 operations min. Contact gap G, H: 20,000,000 operations min.(*4) Contact gap E: 300,000 operations 1,000,000 operations min. 500,000 operations min. (*1) 20,000,000 operations min. Electrical Contact gap G, H: 500,000 operations min. Contact gap E: 100,000 operations min. 100,000 operations min. 100,000 operations min. 500,000 operations min. Weight Approx. 22 to 58 g Approx. 42 to 48 g Approx. 34 to 61 g Approx. 22 g Item Non-inductive load (A) Inductive load (A) Resistive load Lamp load Inductive load Motor load Contact gap Rated voltage NC NO NC NO NC NO NC NO G, H, H2, E 125 VAC 250 VAC 500 VAC * 15 (10) * 15 (10) * 10 3 2.5 1.5 1.5 1.25 0.75 15 (10) * 15 (10) * 6 5 3 1.5 2.5 1.5 0.75 G 8 VDC 14 VDC 30 VDC 125 VDC 250 VDC 15 15 6 0.5 0.25 3 3 3 0.5 0.25 1.5 1.5 1.5 0.5 0.25 15 10 5 0.05 0.03 5 5 5 0.05 0.03 2.5 2.5 2.5 0.05 0.03 H, H2 8 VDC 14 VDC 30 VDC 125 VDC 250 VDC 15 15 2 0.4 0.2 3 3 2 0.4 0.2 1.5 1.5 1.4 0.4 0.2 15 10 1 0.03 0.02 5 5 1 0.03 0.02 2.5 2.5 1 0.03 0.02 E 8 VDC 14 VDC 30 VDC 125 VDC 250 VDC 15 15 15 0.75 0.3 3 3 3 0.75 0.3 1.5 1.5 1.5 0.75 0.3 15 15 10 0.4 0.2 5 5 5 0.4 0.2 2.5 2.5 2.5 0.4 0.2 |
Podobny numer części - Z-15H2 |
|
Podobny opis - Z-15H2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |