Zakładka z wyszukiwarką danych komponentów |
|
Z-15GW54 Arkusz danych(PDF) 1 Page - Omron Electronics LLC |
|
Z-15GW54 Arkusz danych(HTML) 1 Page - Omron Electronics LLC |
1 / 18 page General-purpose Basic Switch Z 147 General-purpose Basic Switch Z Best-selling Basic Switch Boasting High Precision and Wide Variety • A large switching capacity of 15 A with high repeat accuracy. • A wide range of variations in contact form for your selection: basic, split-contact and maintained-contact. • A series of standard models for micro loads is available. • A series of molded terminal-type models incorporating safety terminal protective cover is available. Model Number Structure Available types • A variety of actuators is available for a wide range of application. • The contact mechanism of models for micro loads is a crossbar type with gold-alloy contacts, which ensures highly reliable operations for micro loads. • Contact Gap: H2: 0.20 mm (extra-high-sensitivity) H: 0.25 mm (high-sensitivity, micro voltage current load) G: 0.5 mm (standard) E: 1.8 mm (high-capacity) F: 1.0 mm (split-contact models) • These Switches use a rubber boot on the actuator and adhesive fill between the case and cover to increase resistance to drips. • Models with drip-proof terminal protective covers and molded terminals with resin filling are also available. • This type is identical in construction to the general-purpose basic switch except that it has two pairs of simultaneous acting contacts by splitting moving contacts. • Since the moving contacts are connected to a common terminal, either parallel or series connection is possible. • Highly reliable micro load switching is ensured if the model is used as a twin-contact switch. • The maintained-contact type has a reset button at the bottom of the switch case, in addition to the pushbutton (plunger) located on the opposite side of the reset button. Use these buttons alternately. • Since the Switch has greater pretravel than overtravel, it is suitable for use in reversible control circuits, manual reset circuits, safety limit circuits, and other circuits which are not preferable for automatic resetting. (For further details, refer to individual datasheets.) Basic models Split-contact models Maintained-contact models General-purpose Without terminal protective cover With terminal protective cover Molded terminal General-purpose Drip-proof General-purpose General-purpose Drip-proof Basic Models Split-contact Models Maintained-contact Models |
Podobny numer części - Z-15GW54 |
|
Podobny opis - Z-15GW54 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |