Zakładka z wyszukiwarką danych komponentów |
|
Z-15GM Arkusz danych(PDF) 9 Page - Omron Electronics LLC |
|
Z-15GM Arkusz danych(HTML) 9 Page - Omron Electronics LLC |
9 / 18 page General-purpose Basic Switch Z 155 Dimensions ■ General-purpose and Split Contact Models Note: Unless otherwise specified, all units are in millimeters and a tolerance of ± 0.4 mm applies to all dimensions Terminals Mounting All switches can be side mounted using M4 mounting screws with plane washers or spring washers to securely mount the Switch. Tighten the screws to a torque of 1.18 to 1.47 N·m. Versions with panel mount plungers can be panel mounted via the plunger, provided that the hexagonal nut of the actuator is tightened to a torque of 2.94 to 4.9 N·m. Note: Mount using either the side mounting holes or the panel mount plunger, not both. If using the side mounting holes, then remove the hexagonal nut(s) from the panel mount plunger. General-purpose Models Split-contact Models Note: With reverse action models (Z-15GM), the positions of NO and NC terminals are reversed. COM NO NC 13 2 49.2 17.45±0.2 Three, M4 × 5.5 Terminal screws (with toothed washer) 9.2 20 20 Screw Terminals (-B) Appropriate terminal screw tightening torque: 0.78 to 1.18 N·m. COM NO NC 1 2 3 11.9 25.4±0.1 6.4 49.2 17.45±0.2 Solder Terminal (Blank) 17.45±0.2 Five, M3.5 × 5.5 terminal screws (with toothed washer) 5.6 23 17.1 11.9 Screw Terminals (Y-B) Appropriate terminal screw tightening torque: 0.49 to 0.78 N·m. Note: With reverse action models (Z-10FM), the positions of NO and NC terminals are reversed. 25.4±0.1 Two, 4.2 dia. mounting holes or M4 12.5 dia. +0.2 0 12.5 dia. +0.2 0 13 +0.2 0 5 +0.2 0 Panel Mount Roller Plunger Panel Mount Plunger Accessories (Terminal Covers, Actuators, and Separators): Refer to ‘Z/A/X/DZ Common Accessories’ datasheet |
Podobny numer części - Z-15GM |
|
Podobny opis - Z-15GM |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |