Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GW255-MR3M Arkusz danych(PDF) 7 Page - Omron Electronics LLC

Numer części Z-15GW255-MR3M
Szczegółowy opis  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GW255-MR3M Arkusz danych(HTML) 7 Page - Omron Electronics LLC

Back Button Z-15GW255-MR3M Datasheet HTML 3Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 4Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 5Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 6Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 7Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 8Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 9Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 10Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
General-purpose Basic Switch
Z
153
Z-15 (Flexible Rod Models)
Z-10F
Z-01H
Applicable Load Range
■ Contacts Specification
■ Safety Standards Ratings
UL/CSA (General ratings only)
TÜV (EN61058-1)
Note: 1. The above current ratings are the values of the steady-state current.
2. Inductive load has a power factor of 0.4 min. (AC) and a time
constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
5. The normally closed and normally open ratings of reverse hinge
lever models are opposite to each other.
6. The AC ratings of molded terminals are 125 and 250 V only.
7. The ratings values apply under the following test conditions:
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5%RH
(3) Operating frequency: 20 operations/min
Rated voltage
Non-inductive load (A)
Inductive load (A)
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
250 VAC
15
15
2
1
1
0.5
7
5
2.5
1.5
2
1
8 VDC
14 VDC
30 VDC
125 VDC
250 VDC
15
15
2
0.4
0.2
2
2
2
0.4
0.2
1
1
1
0.4
0.2
7
7
1
0.03
0.02
3
3
1
0.03
0.02
1.5
1.5
0.5
0.03
0.02
Item
Non-inductive load (A)
Inductive load (A)
Resistive load
Lamp load
Inductive load
Motor load
Contact gap
Rated
voltage
NC
NO
NC
NO
NC
NO
NC
NO
Series
connection
125 VAC
250 VAC
10
10
4
2.5
2
1.5
6
6
5
3
2.5
1.5
30 VDC
125 VDC
250 VDC
10
1
0.6
4
1
0.6
2
1
0.6
6
0.1
0.05
6
0.1
0.05
3
0.1
0.05
Parallel
connection
125 VAC
250 VAC
6
6
3
2.5
1.5
1.25
4
4
4
2
2
1
30 VDC
125 VDC
250 VDC
6
0.6
0.3
4
0.6
0.3
2
0.6
0.3
4
0.1
0.05
6
0.1
0.05
3
0.1
0.05
Rated voltage
Resistive load (A)
NC
NO
125 VAC
0.1
8 VDC
14 VDC
30 VDC
0.1
0.1
0.1
Z-01H
Z-15
@, Z-10FY
Minimum applicable load
1 mA at 5 VDC
160 mA at 5 VDC
30
24
12
5
0
1
10
100
1,000
Current (mA)
0.1
1 mA
Standard load
area
Z-15H, H2
Z-15G
Z-15E
Z-10FY
Z-15ER
Micro load area
Z-01H
26 mA
0.16 mA
800 mW
5 mW
100 mA 160 mA
Unusable
range
Item
Classification
Z-15
Z-01H
Z-10F
Contacts
Shape
Rivet
Single
crossbar
Rivet
Material
Silver
Gold alloy
Silver
Inrush current
NC
30 A max. 0.1 A max. 40 A max.
NO
15 A max. 0.1 A max. 20 A max.
Rated
voltage
Model
Z-15
Z-10F
Z-01H
125 VAC
15A and 1/8HP 6A and 1/10HP
0.1A
250 VAC
15A and 1/4HP 6A and 1/8HP
---
480 VAC
15A
6A
---
30 VDC
---
---
0.1A
125 VDC
0.5A
0.6A
---
250 VDC
0.25A
0.3A
---
Rated
voltage
Model
Z-15H
@-B
Z-15G
@-B
Z-01H
@-B
250 VAC
15 A
15 A
---
125 VAC
---
---
0.1 A
30 VDC
---
---
0.1 A


Podobny numer części - Z-15GW255-MR3M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GW255-B OMRON-Z-15GW255-B Datasheet
374Kb / 18P
   Basic Switch
More results

Podobny opis - Z-15GW255-MR3M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com