Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GW255-MR3M Arkusz danych(PDF) 9 Page - Omron Electronics LLC

Numer części Z-15GW255-MR3M
Szczegółowy opis  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GW255-MR3M Arkusz danych(HTML) 9 Page - Omron Electronics LLC

Back Button Z-15GW255-MR3M Datasheet HTML 5Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 6Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 7Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 8Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 9Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 10Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 11Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 12Page - Omron Electronics LLC Z-15GW255-MR3M Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
General-purpose Basic Switch
Z
155
Dimensions
■ General-purpose and Split Contact Models
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions
Terminals
Mounting
All switches can be side mounted using M4 mounting screws with
plane washers or spring washers to securely mount the Switch.
Tighten the screws to a torque of 1.18 to 1.47 N·m.
Versions with panel mount plungers can be panel mounted via the
plunger, provided that the hexagonal nut of the actuator is tightened
to a torque of 2.94 to 4.9 N·m.
Note: Mount using either the side mounting holes or the panel mount
plunger, not both. If using the side mounting holes, then remove
the hexagonal nut(s) from the panel mount plunger.
General-purpose Models
Split-contact Models
Note: With reverse action models (Z-15GM), the positions of NO and NC terminals are reversed.
COM
NO
NC
13
2
49.2
17.45±0.2
Three, M4
× 5.5
Terminal screws
(with toothed
washer)
9.2
20
20
Screw Terminals (-B)
Appropriate terminal screw tightening
torque: 0.78 to 1.18 N·m.
COM
NO
NC
1
2
3
11.9
25.4±0.1
6.4
49.2
17.45±0.2
Solder Terminal (Blank)
17.45±0.2
Five, M3.5
× 5.5
terminal screws
(with toothed
washer)
5.6
23
17.1
11.9
Screw Terminals (Y-B)
Appropriate terminal screw tightening torque:
0.49 to 0.78 N·m.
Note: With reverse action models (Z-10FM),
the positions of NO and NC terminals
are reversed.
25.4±0.1
Two, 4.2 dia. mounting holes or M4
12.5
dia.
+0.2
0
12.5
dia.
+0.2
0
13 +0.2
0
5 +0.2
0
Panel Mount Roller Plunger
Panel Mount Plunger
Accessories (Terminal Covers, Actuators, and Separators): Refer to ‘Z/A/X/DZ Common Accessories’ datasheet


Podobny numer części - Z-15GW255-MR3M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GW255-B OMRON-Z-15GW255-B Datasheet
374Kb / 18P
   Basic Switch
More results

Podobny opis - Z-15GW255-MR3M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com