Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GW2S55-B7-K Arkusz danych(PDF) 11 Page - Omron Electronics LLC

Numer części Z-15GW2S55-B7-K
Szczegółowy opis  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GW2S55-B7-K Arkusz danych(HTML) 11 Page - Omron Electronics LLC

Back Button Z-15GW2S55-B7-K Datasheet HTML 7Page - Omron Electronics LLC Z-15GW2S55-B7-K Datasheet HTML 8Page - Omron Electronics LLC Z-15GW2S55-B7-K Datasheet HTML 9Page - Omron Electronics LLC Z-15GW2S55-B7-K Datasheet HTML 10Page - Omron Electronics LLC Z-15GW2S55-B7-K Datasheet HTML 11Page - Omron Electronics LLC Z-15GW2S55-B7-K Datasheet HTML 12Page - Omron Electronics LLC Z-15GW2S55-B7-K Datasheet HTML 13Page - Omron Electronics LLC Z-15GW2S55-B7-K Datasheet HTML 14Page - Omron Electronics LLC Z-15GW2S55-B7-K Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
General-purpose Basic Switch
Z
157
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the “-B” from the end of the part number.
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
49.2
11.9
25.4±0.1
23.3±0.25
17.45±0.2
OP
PT
8.35 dia.
11.9SR
*1
*1. Stainless-steel plunger
*2. Two hexagonal nuts (2 t
× 14 width across flats)
*3. Two lock nuts (2 t
× 15.6 width across flats)
*4. Incomplete screw part with a maximum length
of 1.5 mm.
*4
16.3
13.1
*2
*3
M12
× 1
mounting screw
16 dia.
9.2
4.36
dia.
+0.1
-0.05
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
Panel Mount Plunger
Z-15GQ-B
Z-01HQ-B
Z-15HQ-B
Z-10FQY-B
Z-15EQ-B
Z-15GQ3-B *
Z-15GQ8-B *
* The external
dimensions of the
actuator vary.
Note: 1. Do not use the M12 mounting
screw and the case mounting hole
at the same time, or excessive
pulling force will be imposed on
the switch and the case and cover
may be damaged.
2. On the model Z-15GQ3-B, PT
can be set to a value larger than
that for the Z-15GQ.
3. On the model Z-15GQ8-B,
operating position can be adjust-
ed by providing a screw in the
plunger section.
4. On the model Z-15GQ8-B, the
M3 hole with a depth of 10 mm is
a through hole. Take precautions
so that no water or screw lock
agent penetrates into the hole.
Model
Z-15GQ-B
Z-15HQ-B
Z-15EQ-B
Z-01HQ-B
Z-10FQY-B
Z-15GQ3-B
Z-15GQ8-B
OF
RF min.
PT max.
OT min.
MD max.
250 to 350 gf
114 gf
0.4 mm
5.5 mm
0.05 mm
200 to 285 gf
114 gf
0.3 mm
5.5 mm
0.025 mm
625 to 800 gf
114 gf
0.8 mm
5.5 mm
0.13 mm
250 gf max.
80 gf
0.5 mm
5.5 mm
0.05 mm
455 to 740 gf
114 gf
0.8 mm
5.5 mm
0.1 mm
250 to 350 gf
114 gf
4.2 mm
2.5 mm
2.2 mm
250 to 350 gf
114 gf
0.5 mm
5.5 mm
0.05 mm
OP
21.8
±0.8 mm
18.8
±0.8 mm
32.5
±1 mm
49.2
11.9
25.4±0.1
23.3±0.25
OP
PT
*1. Stainless-steel roller
*2. Two hexagonal nuts (3 t
× 17 width across flats)
*3. Incomplete screw part with a maximum length of 1.5 mm.
17.45±0.2
4.36
dia.
+0.1
-0.05
*3
16.3
15.5
*2
12.7 dia.
× 4.8 *1
16 dia.
M12
× 1
mounting
screw
9.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
Panel Mount Roller Plunger
Z-15GQ22-B
Z-15EQ22-B
Z-15HQ22-B
Z-10FQ22Y-B
Model
Z-15GQ22-B
Z-15HQ22-B
Z-15EQ22-B
Z-10FQ22Y-B
OF
RF min.
PT max.
OT min.
MD max.
250 to 350 gf
114 gf
0.4 mm
3.58 mm
0.05 mm
200 to 285 gf
114 gf
0.3 mm
3.58 mm
0.025 mm
625 to 800 gf
114 gf
0.8 mm
3.58 mm
0.13 mm
455 to 740 gf
114 gf
1 mm
3.55 mm
0.1 mm
OP
33.4
±1.2 mm
Note: Do not use the M12 mounting screw
and the case mounting hole at the same
time, or the case may be damaged.
49.2
11.9
25.4±0.1
23.3±0.25
17.45±0.2
OP
PT
*1. Stainless-steel roller
*2. Two hexagonal nuts (3 t
× 17 width
across flats)
*3. Incomplete screw part with a maximum
length of 1.5 mm.
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
*3
16.3
15.5
*2
12.7 dia.
× 4.8 *1
16 dia.
M12
× 1
mounting
screw
9.2
Panel Mount Cross Roller Plunger
Z-15GQ21-B
Z-15EQ21-B
Z-15HQ21-B
Model
Z-15GQ21-B
Z-15HQ21-B
OF
RF min.
PT max.
OT min.
MD max.
250 to 350 gf
114 gf
0.4 mm
3.58 mm
0.05 mm
200 to 285 gf
114 gf
0.3 mm
3.58 mm
0.025 mm
OP
33.4
±1.2 mm
Model
Z-15EQ21-B
OF
RF min.
PT max.
OT min.
MD max.
625 to 800 gf
114 gf
0.8 mm
3.58 mm
0.13 mm
OP
33.4
±1.2 mm
Note: Do not use the M12 mounting screw and
the case mounting hole at the same time,
or the case may be damaged.


Podobny numer części - Z-15GW2S55-B7-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GW2 OMRON-Z-15GW2 Datasheet
374Kb / 18P
   Basic Switch
Z-15GW2-B OMRON-Z-15GW2-B Datasheet
374Kb / 18P
   Basic Switch
Z-15GW22 OMRON-Z-15GW22 Datasheet
374Kb / 18P
   Basic Switch
Z-15GW22-B OMRON-Z-15GW22-B Datasheet
374Kb / 18P
   Basic Switch
Z-15GW2255 OMRON-Z-15GW2255 Datasheet
374Kb / 18P
   Basic Switch
More results

Podobny opis - Z-15GW2S55-B7-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com