Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GW35-B Arkusz danych(PDF) 10 Page - Omron Electronics LLC

Numer części Z-15GW35-B
Szczegółowy opis  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GW35-B Arkusz danych(HTML) 10 Page - Omron Electronics LLC

Back Button Z-15GW35-B Datasheet HTML 6Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 7Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 8Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 9Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 10Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 11Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 12Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 13Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
156
General-purpose Basic Switch
Z
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the “-B” from the end of the part number.
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
49.2
11.9
25.4±0.1
23.3±0.25
24.2
17.45±0.2
OP
PT
2.3 dia.
2.3SR *
* Stainless-steel plunger
9.2
4.36
dia.
+0.1
-0.05
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
Pin Plunger
Z-15G-B
Z-15E-B
Z-15H2-B
Z-01H-B
Z-15H-B
Z-10FY-B
Operating Characteristics
Z-15G-B
Z-15H2-B
Z-15H-B
Z-15E-B
Z-01H-B
Z-10FY-B
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF
RF min.
PT max.
OT min.
MD max.
250 to 350 gf
114 gf
0.4 mm
0.13 mm
0.05 mm
200 to 255 gf
114 gf
0.3 mm
0.13 mm
0.005 to 0.008 mm
200 to 280 gf
114 gf
0.3 mm
0.13 mm
0.025 mm
625 to 800 gf
114 gf
0.8 mm
0.13 mm
0.13 mm
250 gf max.
80 gf
0.5 mm
0.13 mm
0.04 mm
455 to 740 gf
114 gf
0.8 mm
0.13 mm
0.1 mm
Operating Position
OP
15.9
±0.4 mm
49.2
11.9
25.4±0.1
23.3±0.25
24.2
17.45±0.2
OP
PT
5.2 dia.
* Stainless-steel plunger (flat, 1R chamfered)
*
4 dia.
9 dia.
9.2
4.36
dia.
+0.1
-0.05
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
Model
Z-15GS-B
Z-15HS-B
Z-01HS
Z-10FSY-B
OF
RF min.
PT max.
OT min.
MD max.
250 to 350 gf
114 gf
0.4 mm
1.6 mm
0.05 mm
200 to 285 gf
114 gf
0.3 mm
1.6 mm
0.025 mm
250 gf max.
80 gf
0.5 mm
1.6 mm
0.05 mm
455 to 740 gf
114 gf
0.8 mm
1.6 mm
0.1 mm
OP
28.2
±0.5 mm
Slim Spring Plunger
Z-15GS-B
Z-01HS-B
Z-15HS-B
Z-10FSY-B
49.2
11.9
25.4±0.1
23.3±0.25
24.2
17.45±0.2
OP
PT
10 dia.
12.3 dia.
12SR *
* Plated iron plunger
7.15 dia.
9.2
4.36
dia.
+0.1
-0.05
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
Short Spring Plunger
Z-15GD-B
Z-01HD-B
Z-15HD-B
Z-10FDY-B
Z-15ED-B
Model
Z-15GD-B
Z-15HD-B
Z-15ED-B
Z-01HD-B
Z-10FDY-B
OF
RF min.
PT max.
OT min.
MD max.
250 to 350 gf
114 gf
0.4 mm
1.6 mm
0.05 mm
200 to 285 gf
114 gf
0.3 mm
1.6 mm
0.025 mm
625 to 800 gf
114 gf
0.8 mm
1.6 mm
0.13 mm
250 gf max.
80 gf
0.5 mm
1.6 mm
0.05 mm
455 to 740 gf
114 gf
0.8 mm
1.6 mm
0.1 mm
OP
21.5
±0.5 mm


Podobny numer części - Z-15GW35-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GW OMRON-Z-15GW Datasheet
374Kb / 18P
   Basic Switch
Z-15GW-B OMRON-Z-15GW-B Datasheet
374Kb / 18P
   Basic Switch
Z-15GW2 OMRON-Z-15GW2 Datasheet
374Kb / 18P
   Basic Switch
Z-15GW2-B OMRON-Z-15GW2-B Datasheet
374Kb / 18P
   Basic Switch
Z-15GW22 OMRON-Z-15GW22 Datasheet
374Kb / 18P
   Basic Switch
More results

Podobny opis - Z-15GW35-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com