Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GW35-B Arkusz danych(PDF) 5 Page - Omron Electronics LLC

Numer części Z-15GW35-B
Szczegółowy opis  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GW35-B Arkusz danych(HTML) 5 Page - Omron Electronics LLC

  Z-15GW35-B Datasheet HTML 1Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 2Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 3Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 4Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 5Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 6Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 7Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 8Page - Omron Electronics LLC Z-15GW35-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
General-purpose Basic Switch
Z
151
Drip-proof Models
*1.
: Solder terminal
: Screw terminal
*2. The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers
are freed by operating the levers.
*3. The tip is made of resin.
Actuator
Classification
Standard
High-sensitivity
Micro load
Contact gap
G (0.5 mm)
H (0.25 mm)
H (0.25 mm)
Drip-proof terminal
protective cover
Not provided
Provided
Not provided
Not provided
Terminal *1
Model
Model
Model
Model
Pin plunger
Z-15G55
---
Z-01H55
Z-15G55-B
Z-15GA55-B5V
Z-01H55-B
Short spring plunger
Z-15GD55
---
Z-01HD55
Z-15GD55-B
Z-01HD55-B
Spring plunger
Low
OP
Z-15GK55
---
---
Z-15GK55-B
High
OP
Z-15GK355
---
---
Z-15GK355-B
Z-15GK3A55-B5V
Panel mount plunger
Z-15GQ55
---
---
Z-15GQ55-B
Z-15GQA55-B5V
Panel mount roller
plunger
Z-15GQ2255
---
---
Z-15GQ2255-B
Z-15GQ22A55-B5V
Panel mount cross
roller plunger
---
---
---
Z-15GQ2155-B
Z-15GQ21A55-B5V
Leaf spring
Z-15GL55
---
---
Z-15GL55-B
Roller leaf spring
Z-15GL255
---
---
Z-15GL255-B
Short hinge lever
Z-15GW2155
---
---
Z-15GW2155-B
Long hinge lever
Z-15GW4455
---
---
Z-15GW4455-B
Z-15GW44A55-B5V
Hinge lever
Z-15GW55
---
---
Z-15GW55-B
Z-15GWA55-B5V
Short hinge roller lever
Z-15GW2255
---
Z-01HW2255
Z-15GW2255-B
Z-15GW22A55-B5V
Z-01HW2255-B
Hinge roller lever
Z-15GW255
---
---
Z-15GW255-B
Z-15GW2A55-B5V
Unidirectional short
hinge roller lever
Z-15GW227755
---
---
Z-15GW227755-B
Z-15GW2277A55-
B5V
Reverse hinge lever *2
Z-15GM55
---
---
Z-15GM55-B
Reverse short hinge
roller lever *2
Z-15GM2255
---
---
Z-15GM2255-B
Reverse hinge roller
lever *2
Z-15GM255
---
---
Z-15GM255-B
Flexible rod (coil spring) *3
Z-15GNJ55
---
---
Z-15GNJ55-B
Flexible rod
(steel wire)
---
---
Z-15HNJS55
---
Z-15HNJS55-B


Podobny numer części - Z-15GW35-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GW OMRON-Z-15GW Datasheet
374Kb / 18P
   Basic Switch
Z-15GW-B OMRON-Z-15GW-B Datasheet
374Kb / 18P
   Basic Switch
Z-15GW2 OMRON-Z-15GW2 Datasheet
374Kb / 18P
   Basic Switch
Z-15GW2-B OMRON-Z-15GW2-B Datasheet
374Kb / 18P
   Basic Switch
Z-15GW22 OMRON-Z-15GW22 Datasheet
374Kb / 18P
   Basic Switch
More results

Podobny opis - Z-15GW35-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com