Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GW4-B7-K Arkusz danych(PDF) 1 Page - Omron Electronics LLC

Numer części Z-15GW4-B7-K
Szczegółowy opis  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GW4-B7-K Arkusz danych(HTML) 1 Page - Omron Electronics LLC

  Z-15GW4-B7-K Datasheet HTML 1Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 2Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 3Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 4Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 5Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 6Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 7Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 8Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General-purpose Basic Switch
Z
147
General-purpose Basic Switch
Z
Best-selling Basic Switch Boasting High
Precision and Wide Variety
• A large switching capacity of 15 A with high repeat accuracy.
• A wide range of variations in contact form for your selection:
basic, split-contact and maintained-contact.
• A series of standard models for micro loads is available.
• A series of molded terminal-type models incorporating
safety terminal protective cover is available.
Model Number Structure
Available types
• A variety of actuators is available for a wide range of application.
• The contact mechanism of models for micro loads is a crossbar
type with gold-alloy contacts, which ensures highly reliable
operations for micro loads.
• Contact Gap:
H2:
0.20 mm (extra-high-sensitivity)
H:
0.25 mm (high-sensitivity, micro voltage current load)
G:
0.5 mm (standard)
E:
1.8 mm (high-capacity)
F:
1.0 mm (split-contact models)
• These Switches use a rubber boot on the actuator and adhesive fill
between the case and cover to increase resistance to drips.
• Models with drip-proof terminal protective covers and molded
terminals with resin filling are also available.
• This type is identical in construction to the general-purpose basic
switch except that it has two pairs of simultaneous acting contacts
by splitting moving contacts.
• Since the moving contacts are connected to a common terminal,
either parallel or series connection is possible.
• Highly reliable micro load switching is ensured if the model is used
as a twin-contact switch.
• The maintained-contact type has a reset button at the bottom of the
switch case, in addition to the pushbutton (plunger) located on the
opposite side of the reset button. Use these buttons alternately.
• Since the Switch has greater pretravel than overtravel, it is suitable
for use in reversible control circuits, manual reset circuits, safety
limit circuits, and other circuits which are not preferable for
automatic resetting. (For further details, refer to individual
datasheets.)
Basic models
Split-contact models
Maintained-contact models
General-purpose
Without terminal protective cover
With terminal protective cover
Molded terminal
General-purpose
Drip-proof
General-purpose
General-purpose
Drip-proof
Basic Models
Split-contact Models
Maintained-contact Models


Podobny numer części - Z-15GW4-B7-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GW4-B OMRON-Z-15GW4-B Datasheet
374Kb / 18P
   Basic Switch
More results

Podobny opis - Z-15GW4-B7-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com