Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GW4-B7-K Arkusz danych(PDF) 6 Page - Omron Electronics LLC

Numer części Z-15GW4-B7-K
Szczegółowy opis  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GW4-B7-K Arkusz danych(HTML) 6 Page - Omron Electronics LLC

Back Button Z-15GW4-B7-K Datasheet HTML 2Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 3Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 4Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 5Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 6Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 7Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 8Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 9Page - Omron Electronics LLC Z-15GW4-B7-K Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
152
General-purpose Basic Switch
Z
Specifications
■ Characteristics
*1 The values are for the plunger models. (For the lever models, the values are
at the plunger section.)
*2 The values are for the Z-15G pin plunger.
*3 The values are for the Z-10FY-B.
*4 The values are for the pin plunger. The service life for models other than the
pin plunger is 10,000,000 min.
*5 Malfunction: 1 ms max.
■ Ratings (Basic, Split-contact and Maintained contact Models)
Z-15 (Except Micro Load and Flexible Rod Models)
* Figures in parentheses are for the Z-15HW52, Z-15HW78(-B) and Z-15H2(-B) models, the AC ratings of these models are 125 and 250 V only.
Item
Classification
Z-15
(except micro load
and flexible rod)
Z-01H
Z-15
(flexible rod)
Z-10F
Z-15H2
Operating speed
0.01 mm to 1 m/s (*1)
1 mm to 1 m/s
0.1 mm to 1 m/s (*1)
0.01 mm to 1 m/s
Operating
frequency
Mechanical 240 operations/min
120 operations/min
240 operations/min
240 operations/min
Electrical
20 operations/min
Contact resistance
15 m
Ω max. (initial value) 50 mΩ max. (initial value) 15 mΩ max. (initial value)
25 m
Ω max. (initial value) 15 mΩ max. (initial value)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
(50 / 60 Hz for 1 min.)
Between contacts of same polarity
Contact gap G: 1,000 VAC
Contact gap H: 600 VAC
Contact gap E: 1,500 VAC
Between contacts of same polarity
Contact gap G: 1,000 VAC
Contact gap H: 600 VAC
Between contacts of
same polarity
Contact gap F: 1,500 VAC
Between contacts of
same polarity
600VAC
Between current-carrying metal parts and ground, and between each terminal and non-current-carrying metal parts:
2,000 VAC
Vibration
resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude (*5)
10 to 20 Hz, 1.5-mm double amplitude (*5) 10 to 55 Hz, 1.5-mm double amplitude (*5)
Shock
resistance
Destruction 1,000 m/s2 max.
Malfunction 300 m/s2 max. (*2, *5)
50 m/s2 max. (*5)
300 m/s2 max. (*3, *5)
100 m/s2 max.
Degree of
protection
General-
purpose
IP00
Drip-proof
Equivalent to IP62 (except terminals)
Degree of protection
against electric shock
Class I
Proof tracking index
(PTI)
175
Ambient
operating
temperature
General-
purpose
−25°C to 80°C (with no icing)
Drip-proof
−15°C to 80°C (with no icing)
Ambient
operating
humidity
General-
purpose
35% to 85%RH
Drip-proof
35% to 95%RH
Service life
Mechanical
Contact gap H2: 10,000,000 operations min.
Contact gap G, H: 20,000,000 operations min.(*4)
Contact gap E: 300,000 operations
1,000,000 operations min.
500,000 operations min. (*1) 20,000,000 operations min.
Electrical
Contact gap G, H: 500,000 operations min.
Contact gap E: 100,000 operations min.
100,000 operations min.
100,000 operations min.
500,000 operations min.
Weight
Approx. 22 to 58 g
Approx. 42 to 48 g
Approx. 34 to 61 g
Approx. 22 g
Item
Non-inductive load (A)
Inductive load (A)
Resistive load
Lamp load
Inductive load
Motor load
Contact gap
Rated voltage
NC
NO
NC
NO
NC
NO
NC
NO
G, H, H2, E
125 VAC
250 VAC
500 VAC *
15 (10) *
15 (10) *
10
3
2.5
1.5
1.5
1.25
0.75
15 (10) *
15 (10) *
6
5
3
1.5
2.5
1.5
0.75
G
8 VDC
14 VDC
30 VDC
125 VDC
250 VDC
15
15
6
0.5
0.25
3
3
3
0.5
0.25
1.5
1.5
1.5
0.5
0.25
15
10
5
0.05
0.03
5
5
5
0.05
0.03
2.5
2.5
2.5
0.05
0.03
H, H2
8 VDC
14 VDC
30 VDC
125 VDC
250 VDC
15
15
2
0.4
0.2
3
3
2
0.4
0.2
1.5
1.5
1.4
0.4
0.2
15
10
1
0.03
0.02
5
5
1
0.03
0.02
2.5
2.5
1
0.03
0.02
E
8 VDC
14 VDC
30 VDC
125 VDC
250 VDC
15
15
15
0.75
0.3
3
3
3
0.75
0.3
1.5
1.5
1.5
0.75
0.3
15
15
10
0.4
0.2
5
5
5
0.4
0.2
2.5
2.5
2.5
0.4
0.2


Podobny numer części - Z-15GW4-B7-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GW4-B OMRON-Z-15GW4-B Datasheet
374Kb / 18P
   Basic Switch
More results

Podobny opis - Z-15GW4-B7-K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com