Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GW4455-M19L1M Arkusz danych(PDF) 8 Page - Omron Electronics LLC

Numer części Z-15GW4455-M19L1M
Szczegółowy opis  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GW4455-M19L1M Arkusz danych(HTML) 8 Page - Omron Electronics LLC

Back Button Z-15GW4455-M19L1M Datasheet HTML 4Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 5Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 6Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 7Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 8Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 9Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 10Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 11Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
154
General-purpose Basic Switch
Z
Engineering Data
■ Mechanical Durability (Z-15G)
■ Electrical Durability (Z-15G)
■ Structure
Basic Models
Contact Form (SPDT)
Note:
The Z-15GM is a reversible model and the NO and NC positions are reversed.
Molded Terminals
Note:
The Z-15GM is a reversible model and the NO and NC positions are reversed.
Drip-proof Construction
Without Terminal Protective Cover
With Terminal Protective Cover
Split-Contact Models
Contact Form
Note: The NO and NC terminal arrangement is reversed for Models with
reverse operation (Z-10FM).
Connection Example
Maintained-contact Models
Contact Form
500
1,000
300
100
5,000
10,000
3,000
0.2
0.1
0.4
0.6
0.8
0.3
0.5
0.7
Overtravel (mm)
0
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Without load
Operating frequency: 240 operations/min
50
100
30
10
500
1,000
300
5,000
3,000
4
2
8
12
16
610
14
Switching Current (A)
0
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Operating frequency: 20 operations/min.
125 VAC cos dia. = 1
125 VAC cos dia. = 0.4
250 VAC cos dia. = 1
250 VAC
cos dia. = 0.4
500 VAC cos dia. = 0.4
500 VAC cos dia. = 1
COM
NC
NO
COM (Black)
(Red) NC
(White) NO
( ) indicates wire color.
Rubber boot
Fixed contact (b)
Movable spring
Glued surface
(adhesive is
filled between
case and cover)
Movable contact
Fixed contact (a)
Spring pivot
Rubber boot (weather-resistive
chloroprene is used)
Stainless-steel stopper
(improves sealing)
Rubber packing (improves
sealing between switch
housing and terminal cover)
Terminal protective covers are sold separately
for maintenance purposes, which can be, how-
ever, used with the Z-
@-B5V models only.
NC
NO
COM
NC
NO
Series Connection
Parallel Connection
Pushbutton for resetting
COM
NC
NO


Podobny numer części - Z-15GW4455-M19L1M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GW4 OMRON-Z-15GW4 Datasheet
374Kb / 18P
   Basic Switch
Z-15GW4-B OMRON-Z-15GW4-B Datasheet
374Kb / 18P
   Basic Switch
More results

Podobny opis - Z-15GW4455-M19L1M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com