Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GW4455-M19L1M Arkusz danych(PDF) 2 Page - Omron Electronics LLC

Numer części Z-15GW4455-M19L1M
Szczegółowy opis  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GW4455-M19L1M Arkusz danych(HTML) 2 Page - Omron Electronics LLC

  Z-15GW4455-M19L1M Datasheet HTML 1Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 2Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 3Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 4Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 5Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 6Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 7Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 8Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
148
General-purpose Basic Switch
Z
■ Model Number Legend
Basic Models
Split-contact Models
Maintained-contact models
Drip-proof with Molded Terminal Models
Z -
-
3 4
5
2
1
1. Ratings
01: 0.1 A (micro load)
15: 15 A
2. Contact Gap
H2: 0.20 mm
(extra-high sensitivity)
H:
0.25 mm
(high-sensitivity,
micro load)
G: 0.5 mm
E: 1.8 mm (high-capacity)
3. Actuator
None: Pin plunger
S:
Slim spring plunger
D:
Short spring plunger
K:
Spring plunger (medium OP)
K3:
Spring plunger (high OP)
Q3:
Panel mount plunger (low OP)
Q:
Panel mount plunger
(medium OP)
Q8:
Panel mount plunger (high OP)
Q22: Panel mount roller plunger
Q21: Panel mount cross roller plunger
L:
Leaf spring (high OF)
L2:
Roller leaf spring
W21: Short hinge lever
W:
Hinge lever (low OF)
W3:
Hinge lever (medium OF)
W32: Hinge lever (high OF)
W4:
Low-force hinge lever
W44:
Long hinge lever
W78:
Low-force wire
hinge lever (low OF)
W52:
Low-force wire
hinge lever (high OF)
W22:
Short hinge roller lever
W2:
Hinge roller lever
W25:
Hinge roller lever
(large roller)
W49:
Short hinge
cross roller lever
W54:
Hinge cross roller lever
W2277: Unidirectional short hinge
roller lever (low OF)
M:
Reverse hinge lever
M22:
Reverse short hinge roller lever
M2:
Reverse hinge roller lever
NJ:
Flexible rod (high OF)
NJS:
Flexible rod (low OF)
4. Degree of Protection
None: General-purpose
55:
Drip-proof
A55:
Drip-proof
(including terminals)
5. Terminals
None: Solder terminal
B:
Screw terminal
(with toothed washer)
B5V: Screw terminal with
terminal cover
(for Z-15G
@A55 only)
Z - 10 F
Y - B
3 4
5
2
1
1. Ratings
10: 10 A (split-contact models)
2. Contact Gap
F:
1 mm (high-capacity)
3. Actuator
None: Pin plunger
S:
Slim spring plunger
D:
Short spring plunger
Q:
Panel mount plunger
Q22: Panel mount roller plunger
W:
Hinge lever
W22: Short hinge roller lever
W2:
Hinge roller lever
M22:
Reverse short hinge roller lever
4. Construction
Y:
Split-contact type
5. Terminals
None: Solder terminal
B:
Screw terminal
(with toothed washer)
Z - 15 E
R
3 4
2
1
1. Ratings
15: 15 A
2. Contact Gap
E:
1.8 mm (high-capacity)
3. Actuator
None: Pin plunger
S:
Slim spring plunger
W:
Hinge lever
4. Construction
R:
Maintained-contact
models
Z -
55 - M
M
2 3
4
1
1. Drip-proof model
(Insert model number of basic,
drip-proof version with solder terminals)
2. Lead Outlets
None: VSF
E:
VCT
3. Direction of Lead Outlets
L:
Left
R:
Right
D:
Descending
4. Length of Leads
1:
1 m
3:
3 m
L type
D type
R type


Podobny numer części - Z-15GW4455-M19L1M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GW4 OMRON-Z-15GW4 Datasheet
374Kb / 18P
   Basic Switch
Z-15GW4-B OMRON-Z-15GW4-B Datasheet
374Kb / 18P
   Basic Switch
More results

Podobny opis - Z-15GW4455-M19L1M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com