Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-15GW4455-M19L1M Arkusz danych(PDF) 3 Page - Omron Electronics LLC

Numer części Z-15GW4455-M19L1M
Szczegółowy opis  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15GW4455-M19L1M Arkusz danych(HTML) 3 Page - Omron Electronics LLC

  Z-15GW4455-M19L1M Datasheet HTML 1Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 2Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 3Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 4Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 5Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 6Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 7Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 8Page - Omron Electronics LLC Z-15GW4455-M19L1M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
General-purpose Basic Switch
Z
149
Ordering Information
Basic Models (General-purpose)
Actuator
Classification
Standard
High-sensitivity
Extra-high
sensitivity
High-capacity
Micro load
Contact gap
G (0.5 mm)
H (0.25 mm)
H2 (0.20 mm)
E (1.8 mm)
H (0.25 mm)
Terminal *1
Model
Model
Model
Model
Model
Pin plunger
Z-15G
Z-15H
Z-15H2
Z-15E
Z-01H
Z-15G-B
Z-15H-B
Z-15H2-B
Z-15E-B
Z-01H-B
Slim spring plunger
Z-15GS
Z-15HS
---
---
Z-01HS
Z-15GS-B
Z-15HS-B
Z-01HS-B
Short spring
plunger
Z-15GD
Z-15HD
---
Z-15ED
Z-01HD
Z-15GD-B
Z-15HD-B
Z-15ED-B
Z-01HD-B
Panel mount
plunger
Low OP
Z-15GQ3
---
---
---
---
Z-15GQ3-B
Medium
OP
Z-15GQ
Z-15HQ
Z-15EQ
Z-01HQ
Z-15GQ-B
Z-15HQ-B
Z-15EQ-B
Z-01HQ-B
High OP
Z-15GQ8
---
---
---
Z-15GQ8-B
Panel mount roller
plunger
Z-15GQ22
Z-15HQ22
---
Z-15EQ22
---
Z-15GQ22-B
Z-15HQ22-B
Z-15EQ22-B
Panel mount cross
roller plunger
Z-15GQ21
Z-15HQ21
---
Z-15EQ21
---
Z-15GQ21-B
Z-15HQ21-B
Z-15EQ21-B
Leaf spring
Z-15GL
---
---
---
---
Z-15GL-B
Roller leaf spring
Z-15GL2
---
---
---
---
Z-15GL2-B
Short hinge lever
Z-15GW21
---
---
---
---
Z-15GW21-B
Hinge lever
Low OP
Z-15GW
Z-15HW
---
---
---
Z-15GW-B
Z-15HW-B
Medium
OP
Z-15GW3
---
Z-15GW3-B
High OP
Z-15GW32
Z-15GW32-B
Low-force hinge
lever
Z-15GW4
Z-15HW24
---
---
---
Z-15GW4-B
Z-15HW24-B
Low- force
wire hinge
lever
Low OP
---
Z-15HW78
---
---
---
Z-15HW78-B
High OP
Z-15HW52
Z-15HW52-B
Short hinge roller
lever
Z-15GW22
Z-15HW22
---
Z-15EW22
Z-01HW22
Z-15GW22-B
Z-15HW22-B
Z-15EW22-B
Z-01HW22-B
Short hinge cross
roller lever
Z-15GW49
---
---
---
---
Z-15GW49-B
Hinge roller
lever
Standard
Z-15GW2
Z-15HW2
---
---
---
Z-15GW2-B
Z-15HW2-B
Large roller
Z-15GW25
---
---
---
Z-15GW25-B


Podobny numer części - Z-15GW4455-M19L1M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
Z-15GW4 OMRON-Z-15GW4 Datasheet
374Kb / 18P
   Basic Switch
Z-15GW4-B OMRON-Z-15GW4-B Datasheet
374Kb / 18P
   Basic Switch
More results

Podobny opis - Z-15GW4455-M19L1M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com