Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS101M2G220300 Arkusz danych(PDF) 6 Page - RFE international

Numer części LS101M2G220300
Szczegółowy opis  ALUMINUM ELECTROLYTIC CAPACITORS LS Series: Snap-In Terminal Types
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFE [RFE international]
Strona internetowa  http://www.rfeinc.com
Logo RFE - RFE international

LS101M2G220300 Arkusz danych(HTML) 6 Page - RFE international

  LS101M2G220300 Datasheet HTML 1Page - RFE international LS101M2G220300 Datasheet HTML 2Page - RFE international LS101M2G220300 Datasheet HTML 3Page - RFE international LS101M2G220300 Datasheet HTML 4Page - RFE international LS101M2G220300 Datasheet HTML 5Page - RFE international LS101M2G220300 Datasheet HTML 6Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
ALUMINUM ELECTROLYTIC CAPACITORS
LS Series: Snap-In Terminal Types
RoHS
ü
µF
µF
WV
D
40 x 40
4.04
35 x 70
4.60 40 x 50
4.5
40 x 40
4.92
35 x 80
4.90
40 x 60
4.90
35 x 70
5.40
40 x 50
5.00
35 x 90
5.40
40 x 80
6.30
35 x 70
4.80
40 x 60
5.00
35 x 80
5.90
40 x 60
5.90
35 x 90
6.10
40 x 80
7.00
35 x 80
5.40 40 x 70
5.60 35 x 80
6.30 40 x 80
6.40 35 x 100
7.47 40 x 90
8.00
40 x 80
6.60 35 x 90
7.10 40 x 80
7.38
40 x 100
8.88
35 x 100
8.90 40 x 90
8.00
40 x 100
8.65
WV
D
35 x 60
3.70 40 x 50
3.7
35 x 60
3.7
40 x 50
3.7
35 x 70
4.0
40 x 50
3.7
35 x 60
4.10 40 x 50
4.0
35 x 70
4.4
40 x 60
4.3
35 x 80
4.6
40 x 60
4.3
35 x 70
4.80 40 x 60
4.8
35 x 80
5.1
40 x 60
4.8
35 x 100
5.6
40 x 70
5.1
35 x 100
6.10 40 x 70
5.5
40 x 70
5.5
40 x 80
5.8
35 x 100
6.80 40 x 80
6.5
40 x 100
7.2
40 x 100
7.2
40 x 100
7.8
40 x 100
7.8
160V(2C)
200V(2D)
1,500
1,800
35
40
35
40
4,700
5,600
6,800
2,200
2,700
3,300
3,900
160V(2C)
35
40
400V(2G)
420V(2P)
450V(2W)
35
40
35
40
35
40
680
1,800
820
1,000
1,200
1,500
Items below available only in 4 Terminal Types (L4)
DIMENSIONS & PERMISSABLE RIPPLE CURRENT
Dimension: ÖDxL (mm); Ripple Current: A/RMS at 120Hz, 85°C
C1CH02
REV 2009.8.3


Podobny numer części - LS101M2G220300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RFE international
LS101M2G220300 RFE-LS101M2G220300_V01 Datasheet
932Kb / 7P
   Aluminum Electrolytic Capacitors LS Series: Snap-In Terminal Types
18-AUG-2023
More results

Podobny opis - LS101M2G220300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RFE international
LS101M2G220300 RFE-LS101M2G220300_V01 Datasheet
932Kb / 7P
   Aluminum Electrolytic Capacitors LS Series: Snap-In Terminal Types
18-AUG-2023
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com