Zakładka z wyszukiwarką danych komponentów |
|
2SAR544P Arkusz danych(PDF) 1 Page - Rohm |
|
2SAR544P Arkusz danych(HTML) 1 Page - Rohm |
1 / 5 page 1/4 www.rohm.com ○ c 2009 ROHM Co., Ltd. All rights reserved. 2009.12 - Rev.A Midium Power Transistors (-80V / -2.5A) 2SAR544P Structure Dimensions (Unit : mm) PNP Silicon epitaxial planar transistor Features 1) Low saturation voltage, typically VCE (sat) = -0.4V (Max.) (IC / IB= -1A / -50mA) 2) High speed switching Applications Driver Packaging specifications Inner circuit (Unit : mm) Package Taping Code T100 Basic ordering unit (pieces) 1000 2SAR544P Absolute maximum ratings (Ta = 25 C) Symbol Limits Unit Collector-base voltage VCBO -80 V Collector-emitter voltage VCEO -80 V Emitter-base voltage VEBO -6 V DC IC -2.5 A Pulsed ICP -5 A PD 0.5 W PD 2W Junction temperature Tj 150 C Range of storage temperature Tstg -55 to 150 C *1 Pw=10ms, Single Pulse *2 Each terminal mounted on a recommended land. *3 Mounted on a ceramic board. (40x40x0.7mm³) Type Parameter Collector current Power dissipation *1 *2 *3 Abbreviated symbol : MS (1) (2) (3) (1) Base (2) Collector (3) Emitter |
Podobny numer części - 2SAR544P |
|
Podobny opis - 2SAR544P |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |