Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX16823 Arkusz danych(PDF) 4 Page - Maxim Integrated Products

Numer części MAX16823
Szczegółowy opis  High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16823 Arkusz danych(HTML) 4 Page - Maxim Integrated Products

  MAX16823_09 Datasheet HTML 1Page - Maxim Integrated Products MAX16823_09 Datasheet HTML 2Page - Maxim Integrated Products MAX16823_09 Datasheet HTML 3Page - Maxim Integrated Products MAX16823_09 Datasheet HTML 4Page - Maxim Integrated Products MAX16823_09 Datasheet HTML 5Page - Maxim Integrated Products MAX16823_09 Datasheet HTML 6Page - Maxim Integrated Products MAX16823_09 Datasheet HTML 7Page - Maxim Integrated Products MAX16823_09 Datasheet HTML 8Page - Maxim Integrated Products MAX16823_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Voltage, 3-Channel Linear High-Brightness
LED Driver with Open LED Detection
4
_______________________________________________________________________________________
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
203550658095 110 125
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VIN = 5.5V
VIN = 12V
VIN = 20V
VIN = 40V
VDIM1 = VDIM2 = VDIM3 = 0V
VREG vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
3.0
3.1
3.2
3.3
3.4
3.5
ILOAD = 4mA
ILOAD = 1mA
ILOAD = 0
VCS_ vs. IREG
IREG (mA)
0123456789
10
0.195
0.196
0.197
0.198
0.199
0.200
0.201
0.202
0.203
0.204
0.205
0.206
0.207
0.208
0.209
0.210
ILOAD = 70mA
VREG vs. VIN
VIN (V)
0
5
10
15
20
25
30
35
40
3.35
3.36
3.37
3.38
3.39
3.40
3.41
3.42
3.43
3.44
3.45
IREG = 0
IREG = 1mA
IREG = 4mA
330Hz DIMMED OPERATION
MAX16823 toc09
20
μs/div
VDIM
2V/div
0V
0A
ILED
50mA/div
VIN = 12V, DIM
PULSED AT 33Hz
(1% DUTY CYCLE)
ILOAD = 70mA
200Hz DIMMED OPERATION (EXPANDED)
MAX16823 toc10
10
μs/div
VDIM
2V/div
0V
0A
ILOAD
50mA/div
VIN = 12V, DIM
PULSED AT 200Hz
(50% DUTY CYCLE)
ILOAD = 70mA
200Hz DIMMED OPERATION (EXPANDED)
MAX16823 toc11
10
μs/div
VDIM
2V/div
0V
0A
ILOAD
50mA/div
VIN = 12V, DIM
PULSED AT 200Hz
(50% DUTY CYCLE)
ILOAD = 70mA
DROPOUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ILOAD = 70mA
Typical Operating Characteristics (continued)
(VIN = 12V, CREG = 0.1µF, IREG = 0, VLGC = unconnected, connect RCS_ = 2.85
Ω from CS_ to GND. Connect OUT_ to CS_ through
a resistor, TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
LEDGOOD RESPONSE TIMES
MAX16823 toc12
2ms/div
VDIM
VLEDGOOD
5V/div
5V/div
0V
0V
0V
VLGC
5V/div
VIN = 12V
CLGC = 15nF


Podobny numer części - MAX16823_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
More results

Podobny opis - MAX16823_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16839 MAXIM-MAX16839_11 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com