Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA3472F Arkusz danych(PDF) 7 Page - Rohm

Numer części BA3472F
Szczegółowy opis  Operational Amplifiers: High Speed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA3472F Arkusz danych(HTML) 7 Page - Rohm

Back Button BA3472F_09 Datasheet HTML 2Page - Rohm BA3472F_09 Datasheet HTML 3Page - Rohm BA3472F_09 Datasheet HTML 4Page - Rohm BA3472F_09 Datasheet HTML 5Page - Rohm BA3472F_09 Datasheet HTML 6Page - Rohm BA3472F_09 Datasheet HTML 7Page - Rohm BA3472F_09 Datasheet HTML 8Page - Rohm BA3472F_09 Datasheet HTML 9Page - Rohm BA3472F_09 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BA3472F,BA3472FV,BA3472FVM
Technical Note
7/9
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Notes for use
1)Unused circuits
When there are unused circuits it is recommended that they are
connected as in Fig.29, setting the non-inverting input terminal
to a potential within input common-mode voltage range (Vicm).
2) Input terminal voltage
Applying GND + 36V to the input terminal is possible without causing
deterioration of the electrical characteristics or destruction, irrespective of
the supply voltage. However, this does not ensure normal circuit operation.
Please note that the circuit operates normally only when the input voltage is
within the common mode input voltage range of the electric characteristics.
3) Power supply (single / dual)
The op-amp operates when the specified voltage supplied is between
VCC and VEE. Therefore, the single supply op-amp can be used as
dual supply op-amp as well.
4) Power dissipation Pd
Using the unit in excess of the rated power dissipation may cause deterioration in electrical characteristics due to
a rise in chip temperature, including reduced current capability. Therefore, please take into consideration the
power dissipation (Pd) under actual operating conditions and apply a sufficient margin in thermal design.
Refer to the thermal derating curves for more information.
5) Short-circuit between pins and erroneous mounting
Incorrect mounting may damage the IC. In addition, the presence of foreign particles between the outputs,
the output and the power supply, or the output and GND may result in IC destruction.
6) Operation in a strong electromagnetic field
Operation in a strong electromagnetic field may cause malfunctions.
7) Radiation
This IC is not designed to withstand radiation.
8) IC handing
Applying mechanical stress to the IC by deflecting or bending the board may cause fluctuations in the electrical
characteristics due to piezoelectric (piezo) effects.
9) Board inspection
Connecting a capacitor to a pin with low impedance may stress the IC. Therefore, discharging the capacitor after
every process is recommended. In addition, when attaching and detaching the jig during the inspection phase,
ensure that the power is turned OFF before inspection and removal . Furthermore, please take measures against
ESD in the assembly process as well as during transportation and storage.
10)Output capacitor
Discharge of the external output capacitor to VCC is possible via internal parasitic elements when VCC is shorted to VEE,
causing damage to the internal circuitry due to thermal stress. Therefore, when using this IC in circuits where oscillation
due to output capacitive load does not occur, such as in voltage comparators, use an output capacitor with a capacitance
less than 0.1µF.
VCC
VEE
同相入力電圧
範囲内の電位
図1 未使用回路の処理例
Fig.29Unused circuit example
Please keep this
potential in Vicm


Podobny numer części - BA3472F_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472F-E2 ROHM-BA3472F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472FJ ROHM-BA3472FJ Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
More results

Podobny opis - BA3472F_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com