Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAXXJC5 Arkusz danych(PDF) 2 Page - Rohm

Numer części BAXXJC5
Szczegółowy opis  1.5A Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BAXXJC5 Arkusz danych(HTML) 2 Page - Rohm

  BAXXJC5 Datasheet HTML 1Page - Rohm BAXXJC5 Datasheet HTML 2Page - Rohm BAXXJC5 Datasheet HTML 3Page - Rohm BAXXJC5 Datasheet HTML 4Page - Rohm BAXXJC5 Datasheet HTML 5Page - Rohm BAXXJC5 Datasheet HTML 6Page - Rohm BAXXJC5 Datasheet HTML 7Page - Rohm BAXXJC5 Datasheet HTML 8Page - Rohm BAXXJC5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BA□□JC5 Series,BA00JC5W Series
Technical Note
2/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
18*1
V
Power dissipation
TO220FP-3
Pd
2000*2
mW
TO220FP-5
2000*2
TO220FP-5V5
2000*2
Operating temperature range
Topr
−40 to +105
Ambient storage temperature
Tstg
−55 to +150
Maximum junction temperature
Tjmax
150
*1 Must not exceed Pd
*2 Derated at 16mW/℃ at Ta>25℃
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC*3
3.0
16.0
V
Input power supply voltage
VcC*4
Vo + 1.0
16.0
V
Output current
Io
-
1.5
A
Variable output voltage setting value
Vo
1.5
12
V
*3 When output voltage is 1.5 V, 1.8 V, or 2.5 V.
*4 When output voltage is 3.0 V or higher.
Electrical Characteristics
BA□□JC5T(Unless otherwise specified, Ta = 25℃; Vcc = VCCDC*5)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output voltage
Vo
Vo (T)
 0.99
Vo (T)
Vo (T)
 1.01
V
Io = 200 mA
Minimum I/O voltage difference*6
∆Vd
-
0.3
0.5
V
Io = 200 mA, Vcc = 0.95
 Vo
Output current capacity
Io
1.5
-
-
A
Input stability*7
Reg.I
-
5
60
mV
Vcc = Vo + 1.0 V→16 V,
Io = 200 mA
Load stability
Reg.L
-
5
60
mV
Io = 5 mA→1.5 A
Temperature coefficient of output voltage*8
Tcvo
-
0.02
-
%/℃
Io = 5 mA, Tj = 0℃ to 125℃
Vo (T): Set output voltage
*5
Vo = 1.5 V, 1.8 V, 2.5 V : Vcc = 3.3 V, Vo = 3.0 V, 3.3 V : Vcc = 5 V,
Vo = 5.0 V : Vcc : 8 V, Vo = 6.0 V, 6.3 V : Vcc = 9.0 V, Vo = 8.0 V : Vcc = 11 V,
Vo = 9.0 V : Vcc = 12 V, Vo = 12 V : Vcc = 15 V
*6
Vo ≥ 3.3 V
*7
Change Vcc from 3.0 V to 16 V if 1.5 V ≤ Vo ≤ 2.5 V.
*8
Operation guaranteed
BA00JC5WT (−V5)(Unless otherwise specified, Ta = 25℃, Vcc = 3.3 V, VCTL = 3 V, R1 = 30 k
, R2 = 30 k*9)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reference voltage
Vo
1.2375
1.250
1.2625
V
Io = 50 mA
Shutdown circuit current
Isd
-
0
10
A
VCTL = 0 V while in OFF mode
Minimum I/O voltage difference
∆Vd
-
0.3
0.5
V
Io = 500 mA, Vcc = 2.5 V
Output current capacity
Io
1.5
-
-
A
Input stability
Reg.I
-
5
60
mV
Vcc = 4.5 V→16 V, Io = 200 mA
Load stability
Reg.L
-
5
60
mV
Io = 5 mA →1.5 A
Temperature coefficient of output voltage
*10
Tcvo
-
0.02
-
%/℃ Io = 5 mA, Tj = 0℃ to 125℃
*9
VOUT = Vc
 (R1 + R2) / R1 (V)
*10
Design guarantee (No total shipment inspection is made.)


Podobny numer części - BAXXJC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
More results

Podobny opis - BAXXJC5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com