Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ11013 Arkusz danych(PDF) 1 Page - Wing Shing Computer Components

Numer części MJ11013
Szczegółowy opis  PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINGS [Wing Shing Computer Components]
Strona internetowa  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

MJ11013 Arkusz danych(HTML) 1 Page - Wing Shing Computer Components

  MJ11013 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MJ11013
PNP
SILICON DARLINGTON TRANSISTOR
SWITCHING REGULATORS PWM INVERTERS
SOLENOID AND RELAY DRIVERS
TO-3
ABSOLUTE MAXIMUM RATINGS (Ta=25°C
CC
C)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Collector Current (DC)
Collector Dissipation (Tc=25°C)
Junction Temperature
Storage Temperature
VCBO
VCEO
IC
PC
Tj
Tstg
-90
-90
-30
200
200
-50~150
V
V
A
W
°C
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C
CC
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current
Collector Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
ICBO
ICEO
hFE
VCE(sat)
VCB= -90V , IE=0
VCB= -90V , IB=0
VCE= -5V, IC=-20A
IC=-10A,
IB=-1A
1K
-10
-10
-1.5
µA
µA
V
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Podobny numer części - MJ11013

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
MJ11013 MOSPEC-MJ11013 Datasheet
140Kb / 3P
   POWER TRANSISTORS(30A,60-120V,200W)
logo
Motorola, Inc
MJ11013 MOTOROLA-MJ11013 Datasheet
157Kb / 4P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJ11013 ONSEMI-MJ11013 Datasheet
157Kb / 4P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Central Semiconductor C...
MJ11013 CENTRAL-MJ11013 Datasheet
54Kb / 1P
   Power Transistors
logo
Inchange Semiconductor ...
MJ11013 ISC-MJ11013 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Podobny opis - MJ11013

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wing Shing Computer Com...
MJ11015 WINGS-MJ11015 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
TIP127 WINGS-TIP127 Datasheet
65Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11011 WINGS-MJ11011 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11017 WINGS-MJ11017 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
TIP137 WINGS-TIP137 Datasheet
66Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11019 WINGS-MJ11019 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11033 WINGS-MJ11033 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11018 WINGS-MJ11018 Datasheet
21Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
2SC1983 WINGS-2SC1983 Datasheet
64Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
MJ11032 WINGS-MJ11032 Datasheet
24Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com