Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0307A Arkusz danych(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0307A
Szczegółowy opis  SAW Filter 433.92MHz SMD5X5mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0307A Arkusz danych(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0307A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0307A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0307A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0307A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0307A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
39nH
39nH
2
5
1,3,4,6,7,8
3PF
3PF
E.OUTLINE DRAWING:


Podobny numer części - TA0307A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0300A TAI-SAW-TA0300A Datasheet
489Kb / 5P
   SAW Filter 433.92MHz SMD3.8X3.8mm
logo
Golledge Electronics Lt...
TA0300A GOLLEDGE-TA0300A Datasheet
292Kb / 4P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0301A TAI-SAW-TA0301A Datasheet
474Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
logo
Golledge Electronics Lt...
TA0301A GOLLEDGE-TA0301A Datasheet
286Kb / 4P
   SAW Filter 315MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0304A TAI-SAW-TA0304A Datasheet
265Kb / 5P
   SAW Filter 1220MHz SMD 3.0횞3.0mm
More results

Podobny opis - TA0307A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0264A TAI-SAW-TA0264A Datasheet
481Kb / 5P
   SAW Filter 433.92MHz SMD5X5mm
TD0103A TAI-SAW-TD0103A Datasheet
318Kb / 4P
   Two-Port SAW Resonator 433.92MHz SMD5X5mm
logo
Golledge Electronics Lt...
MA05781 GOLLEDGE-MA05781 Datasheet
217Kb / 4P
   SAW Filter 433.92MHz
MA05276 GOLLEDGE-MA05276 Datasheet
292Kb / 4P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1884B TAI-SAW-TA1884B Datasheet
271Kb / 7P
   SAW Filter 433.92MHz
logo
Golledge Electronics Lt...
MP03125 GOLLEDGE-MP03125 Datasheet
204Kb / 6P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0309A TAI-SAW-TA0309A Datasheet
481Kb / 5P
   SAW Filter 403.55MHz SMD5X5mm
TA1783A TAI-SAW-TA1783A Datasheet
390Kb / 7P
   SAW Filter 433.92MHz
TA1784A TAI-SAW-TA1784A Datasheet
304Kb / 7P
   SAW Filter 433.92MHz
logo
Golledge Electronics Lt...
MP03049 GOLLEDGE-MP03049 Datasheet
136Kb / 4P
   SAW Filter 433.92MHz
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com