Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0384A Arkusz danych(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0384A
Szczegółowy opis  SAW Filter 2140MHz SMD 2.5횞2.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0384A Arkusz danych(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0384A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0384A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0384A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0384A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0384A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0384A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0384A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-03S06-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Filter 2140MHz SMD 2.5×2.0 mm
TST Parts No.:TA0384A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Elvis Chiu
Approval by:
Francis Chen
Date:
2006/2/23


Podobny numer części - TA0384A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA0384A GOLLEDGE-TA0384A Datasheet
205Kb / 6P
   SAW Filter 2140.0MHz
More results

Podobny opis - TA0384A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TF0065A TAI-SAW-TF0065A Datasheet
279Kb / 7P
   SAW Duplexer 1950/2140MHz SMD 2.5횞2.0 mm
TA0402A TAI-SAW-TA0402A Datasheet
497Kb / 7P
   SAW Filter 2140MHz SMD 2.5X2.0 mm
TA0299A TAI-SAW-TA0299A Datasheet
1Mb / 6P
   SAW Filter 915MHz SMD 2.5횞2.0 mm
TA0321A TAI-SAW-TA0321A Datasheet
423Kb / 12P
   SAW Filter 881.5MHz SMD 2.5횞2.0 mm
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA1699A TAI-SAW-TA1699A Datasheet
254Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.1X0.9 mm
logo
Golledge Electronics Lt...
MA06327 GOLLEDGE-MA06327 Datasheet
261Kb / 5P
   SAW Filter 2140MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TF0067A TAI-SAW-TF0067A Datasheet
367Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0066A TAI-SAW-TF0066A Datasheet
331Kb / 8P
   SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TA1699B TAI-SAW-TA1699B Datasheet
477Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com