Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0566A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0566A
Szczegółowy opis  SAW Filter 1330MHz SMD 3.0횞3.0mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0566A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0566A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0566A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0566A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0566A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0566A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0566A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1330 MHz
MODEL NO.: TA0566A
V1.0
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -25
°C to 85°C
4.Storage Temperature: -40
°C to +85° C
B. CHARACTERISTICS:
Item
Specification
Unit
Min.
Typ.
Max.
Center Frequency
Fc
MHz
-
1330
-
Insertion Loss
1326~1334 MHz dB
-
3.5
4.6
Absolute Group delay
1330 MHz ns
35
60
Group delay variation
Fc±4 MHz ns
12
43
Phase variation
Fc±4 MHz Deg
55
85
Amplitude ripple (p-p)
Fc±4 MHz dB
1.0
2.0
Rejection (referent to IL)
Fc-30
MHz
dB
8
25
-
Fc+30
MHz
dB
7
25
-
Fc-60
MHz
dB
30
40
-
Fc+60
MHz
dB
30
35
-
Fc-140
MHz
dB
30
39
-
Fc+140
MHz
dB
30
39
-
Fc-250
MHz
dB
35
39
-
Fc+250
MHz
dB
35
40
-
Note1. No matching network required for operation at 50Ω
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA0566A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA0566A GOLLEDGE-TA0566A Datasheet
134Kb / 5P
   SAW Filter 1330MHz
More results

Podobny opis - TA0566A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0375A TAI-SAW-TA0375A Datasheet
273Kb / 6P
   SAW Filter 1330MHz SMD 3.0횞3.0mm
logo
Golledge Electronics Lt...
MA09943 GOLLEDGE-MA09943 Datasheet
134Kb / 5P
   SAW Filter 1330MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1387A TAI-SAW-TA1387A Datasheet
377Kb / 7P
   SAW Filter 1330MHz
TA0314A TAI-SAW-TA0314A Datasheet
273Kb / 6P
   SAW Filter 1150MHz SMD 3.0횞3.0mm
TA0328A TAI-SAW-TA0328A Datasheet
1Mb / 6P
   SAW Filter 860.5MHz SMD 3.0횞3.0mm
TA0416A TAI-SAW-TA0416A Datasheet
314Kb / 5P
   SAW Filter 864MHz SMD 3.0횞3.0mm
TA0675A TAI-SAW-TA0675A Datasheet
494Kb / 6P
   SAW Filter 1176.45MHz SMD 3.0횞3.0mm
TA0547A TAI-SAW-TA0547A Datasheet
1,012Kb / 7P
   SAW Filter 867.5MHz SMD 3.0횞3.0mm
TA0478A TAI-SAW-TA0478A Datasheet
647Kb / 6P
   SAW Filter 810MHz SMD 3.0횞3.0mm
TA0536A TAI-SAW-TA0536A Datasheet
529Kb / 5P
   SAW Filter 1300MHz SMD 3.0횞3.0mm
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com