Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0757A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0757A
Szczegółowy opis  SAW Filter 1575.42MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0757A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0757A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0757A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1575.42MHz
MODEL NO.:TA0757A
REV. NO.:10
A. MAXIMUM RATING:
1. Input Power Level: 15 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance :
ZL = 50 Ω
Item
Unit
Min.
Type.
Max. Note
Center Frequency
Fc MHz
-
1575.42
-
-
Max. Insertion Loss (1574.42~1576.42 MHz)
IL dB
-
0.9
1.5
-
Amplitude ripple (1574.42~1576.42 MHz)
dB
-
0.1
0.75
-
Bandwidth @ -2dB
MHz
-
40
-
VSWR (1574.42~1576.42 MHz)
-
1.15
1.6
-
Attenuation
D.C~1450
MHz
dB
35
38
-
-
1450~1520 MHz
dB
30
45
-
-
1625~1640 MHz
dB
45
48
-
-
1640~1805 MHz
dB
38
40
-
-
1805~1910 MHz
dB
38
40
-
-
1910~2000 MHz
dB
38
43
-
-
2000~4000 MHz
dB
30
45
-
-
4000~6000 MHz
dB
20
22
-
-
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA0757A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0757AB TAI-SAW-TA0757AB Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Podobny opis - TA0757A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0757BB TAI-SAW-TA0757BB Datasheet
453Kb / 7P
   SAW Filter 1575.42MHz
TA0796A TAI-SAW-TA0796A Datasheet
431Kb / 7P
   SAW Filter 1575.42MHz
logo
Golledge Electronics Lt...
MP05506 GOLLEDGE-MP05506 Datasheet
233Kb / 6P
   SAW Filter: 1575.42MHz
MA08528 GOLLEDGE-MA08528 Datasheet
157Kb / 5P
   SAW Filter 1575.42MHz
MP03084 GOLLEDGE-MP03084 Datasheet
121Kb / 6P
   SAW Filter 1575.42MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0757D TAI-SAW-TA0757D Datasheet
158Kb / 8P
   SAW Filter 1575.42MHz
TA2070A TAI-SAW-TA2070A Datasheet
758Kb / 8P
   SAW Filter 1575.42MHz
TA0757B TAI-SAW-TA0757B Datasheet
418Kb / 7P
   SAW Filter 1575.42MHz
TA1425A TAI-SAW-TA1425A Datasheet
165Kb / 8P
   SAW Filter 1575.42MHz
TA1599A TAI-SAW-TA1599A Datasheet
164Kb / 8P
   SAW Filter 1575.42MHz
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com