Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0775A Arkusz danych(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0775A
Szczegółowy opis  SAW Filter 922.5MHz SMD 3.0횞3.0mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0775A Arkusz danych(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0775A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0775A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0775A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0775A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0775A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0775A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Filter 922.5MHz
SMD 3.0×3.0mm
TST Parts No.:TA0775A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Asin Lin
Approval by:
Francis Chen
Date:
2007/11/02


Podobny numer części - TA0775A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA0775A GOLLEDGE-TA0775A Datasheet
247Kb / 5P
   SAW Filter 922.50MHz
More results

Podobny opis - TA0775A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0314A TAI-SAW-TA0314A Datasheet
273Kb / 6P
   SAW Filter 1150MHz SMD 3.0횞3.0mm
TA0328A TAI-SAW-TA0328A Datasheet
1Mb / 6P
   SAW Filter 860.5MHz SMD 3.0횞3.0mm
TA0416A TAI-SAW-TA0416A Datasheet
314Kb / 5P
   SAW Filter 864MHz SMD 3.0횞3.0mm
TA0675A TAI-SAW-TA0675A Datasheet
494Kb / 6P
   SAW Filter 1176.45MHz SMD 3.0횞3.0mm
TA0547A TAI-SAW-TA0547A Datasheet
1,012Kb / 7P
   SAW Filter 867.5MHz SMD 3.0횞3.0mm
TA0478A TAI-SAW-TA0478A Datasheet
647Kb / 6P
   SAW Filter 810MHz SMD 3.0횞3.0mm
TA0536A TAI-SAW-TA0536A Datasheet
529Kb / 5P
   SAW Filter 1300MHz SMD 3.0횞3.0mm
TA0331A TAI-SAW-TA0331A Datasheet
988Kb / 6P
   SAW Filter 866MHz SMD 3.0횞3.0mm
TA0375A TAI-SAW-TA0375A Datasheet
273Kb / 6P
   SAW Filter 1330MHz SMD 3.0횞3.0mm
TA0415A TAI-SAW-TA0415A Datasheet
520Kb / 5P
   SAW Filter 800MHz SMD 3.0횞3.0mm
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com