Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0822A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0822A
Szczegółowy opis  SAW Filter 757.5 MHz SMD 5X5 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0822A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0822A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0822A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0822A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0822A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0822A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0822A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0822A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0822A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 757.5 MHz
MODEL NO.: TA0822A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -30
°C to +70°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fo
MHz
-
757.5
-
Insertion loss (757~758MHz)
IL
dB
-
2.2
5
Amplitude ripple (757~758MHz)
dB
-
0.2
1.5
Return loss (757~758MHz)
dB
10
18
-
Group delay variation (757~758MHz)
ns
-
7
50
Attenuation (Reference level from 0 dB)
DC~707
MHz
dB
40
43.5
-
707~730
MHz
dB
40
42
-
764~776
MHz
dB
15
29
-
787~788
MHz
dB
30
40
-
798~2000 MHz
dB
40
48
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Temperature Coefficient
ppm/℃
-
-36
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4 ,5,7 ,8
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA0822A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA0822A GOLLEDGE-TA0822A Datasheet
169Kb / 7P
   SAW Filter 757.50MHz
More results

Podobny opis - TA0822A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TB0237A TAI-SAW-TB0237A Datasheet
480Kb / 5P
   SAW Filter 402.7 MHz SMD 5x5 mm
TA0823A TAI-SAW-TA0823A Datasheet
276Kb / 8P
   SAW Filter 787.5 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
MA09431 GOLLEDGE-MA09431 Datasheet
150Kb / 5P
   SAW Filter 499.25 MHz SMD 5X5 mm
logo
TAI-SAW TECHNOLOGY CO.,...
TA0575A TAI-SAW-TA0575A Datasheet
277Kb / 6P
   SAW Filter 188.175 MHz SMD 5X5 mm
TA0694A TAI-SAW-TA0694A Datasheet
295Kb / 6P
   SAW Filter 862.5 MHz SMD 5X5 mm
TA0524A TAI-SAW-TA0524A Datasheet
341Kb / 6P
   SAW Filter 499.25 MHz SMD 5X5 mm
TA0192A TAI-SAW-TA0192A Datasheet
247Kb / 6P
   SAW Filter 426.1 MHz SMD 5X5 mm
TA0574A TAI-SAW-TA0574A Datasheet
278Kb / 6P
   SAW Filter 180.175 MHz SMD 5X5 mm
TC0250A TAI-SAW-TC0250A Datasheet
329Kb / 5P
   SAW Resonator 435.72 MHz SMD 5X5 mm
TC0117A TAI-SAW-TC0117A Datasheet
343Kb / 4P
   SAW Resonator 418 MHz SMD 5X5 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com