Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0921A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0921A
Szczegółowy opis  SAW Filter 1370 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0921A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0921A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0921A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0921A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0921A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0921A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0921A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0921A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1370 MHz
MODEL NO.:TA0921A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -40°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center Frequency
Fc
MHz
-
1370
-
-
Insertion Loss (1350 ~ 1390 MHz)
IL
dB
-
3.3
4.2
-
Amplitude Ripple (1350 ~ 1390 MHz)
dB
-
1.1
2.3
-
Return Loss (1350 ~ 1390 MHz)
dB
8
13
-
-
Attenuation (Reference level from 0 dB)
D.C. ~ 1310
MHz
dB
30
52
-
-
1310 ~ 1320
MHz
dB
20
45
-
-
1420 ~ 1440
MHz
dB
13
28.5
-
-
1440 ~ 2800
MHz
dB
30
38
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
5
1,3 ,4,6
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA0921A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA0921A GOLLEDGE-TA0921A Datasheet
115Kb / 6P
   SAW Filter 1370.0MHz
More results

Podobny opis - TA0921A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1713A TAI-SAW-TA1713A Datasheet
470Kb / 7P
   SAW Filter 1370 MHz SMD 3.0횞3.0 mm (BW=60 MHz)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com