Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1084A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1084A
Szczegółowy opis  SAW Filter 441 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1084A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1084A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1084A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1084A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1084A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1084A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 441 MHz
MODEL NO.: TA1084A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -55
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Reference temperature: 25
°C
Item
Unit
Min.
Type.
Max.
Center frequency
Fc
MHz
-
441
-
Insertion Loss
ILmin (reference level)
dB
-
1.5
2.8
2dB Bandwidth
BW-2dB
MHz
15
22.3
-
Insertion Loss (433.5~448.5 MHz) IL
dB
-
2.4
3.5
Absolute Attenuation:(Reference level from 0dB)
Fc -45
to Fc -100
MHz
Fc +45
to Fc +55
MHz
Fc +55
to Fc +100
MHz
dB
dB
dB
40
30
40
56
56
54
-
-
Temperature coefficient of frequency
ppm/k
-
-36
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Note: ILmin is the minimum of the pass band attenuation. The center frequency Fc is the mean value of
the upper and lower frequencies at the 2dB filter attenuation level relative to the ILmin.
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA1084A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA1084A GOLLEDGE-TA1084A Datasheet
116Kb / 5P
   SAW Filter 441.0MHz
More results

Podobny opis - TA1084A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1043A TAI-SAW-TA1043A Datasheet
566Kb / 6P
   SAW Filter 441 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com