Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1108A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1108A
Szczegółowy opis  SAW Filter 2017.5MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1108A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1108A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1108A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1108A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1108A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1108A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1108A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1108A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2017.5MHz
MODEL NO.:TA1108A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance
:
Zs = 50 Ω
Terminating load impedance :
ZL = 50 Ω
Item
Unit
Min.
Type.
Max. Note
Center Frequency
Fc MHz
-
2017.5
-
-
Insertion Loss (2010~2025 MHz)
IL dB
-
1.25
2.2
-
Amplitude ripple (2010~2025 MHz)
dB
-
0.1
1.0
-
VSWR (2010~2025 MHz)
-
1.35
1.9
-
Attenuation
0.1~1020
MHz
dB
30
33
-
-
1220~1570 MHz
dB
20
33
-
-
1570~1590 MHz
dB
30
34
-
-
1590~1820 MHz
dB
20
34
-
-
1820~1850 MHz
dB
31
34
-
-
1850~1950 MHz
dB
20
27
-
-
2085~2400 MHz
dB
19
21
-
-
2400~2430 MHz
dB
29
33
-
-
2430~2790 MHz
dB
25
32
-
-
2790~2820 MHz
dB
30
32
-
-
2820~3000 MHz
dB
25
34
-
-
3000~4010 MHz
dB
20
32
-
-
4010~4060 MHz
dB
25
32
-
-
4060~6000 MHz
dB
10
22
-
-
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA1108A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Beijing Yaohuadechang E...
TA1100 YHDC-TA1100 Datasheet
1Mb / 1P
   Through core type precision current transformer
logo
Transko Electronics, In...
TA11002AV TRANSKO-TA11002AV Datasheet
623Kb / 4P
   110.0 MHz IF SAW Filter / 2.18 MHz Bandwidth
Revision 0: 06. Feb. 2008
TA11003AD1 TRANSKO-TA11003AD1 Datasheet
544Kb / 4P
   110.43 MHz IF SAW Filter / 3.90 MHz Bandwidth
Revision 0: 28. Jun. 2008
TA11004AV TRANSKO-TA11004AV Datasheet
635Kb / 4P
   110.0 MHz IF SAW Filter / 4.82 MHz Bandwidth
Revision 0: 06. Feb. 2008
TA11007AV TRANSKO-TA11007AV Datasheet
593Kb / 4P
   110.8 MHz IF SAW Filter / 7.70 MHz Bandwidth
Revision 0: 29. Sep. 2009
More results

Podobny opis - TA1108A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1095A TAI-SAW-TA1095A Datasheet
456Kb / 8P
   SAW Filter 2017.5MHz
TA1129A TAI-SAW-TA1129A Datasheet
442Kb / 7P
   SAW Filter 2017.5MHz
logo
SIPAT Co,Ltd
LBT201803 SIPAT-LBT201803 Datasheet
165Kb / 3P
   2017.5MHz SAW Filter 15MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1193A TAI-SAW-TA1193A Datasheet
155Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1126A TAI-SAW-TA1126A Datasheet
155Kb / 7P
   SAW Filter 2017.5MHz 15 MHz BW SMD 1.4X1.1 mm
TE0117A TAI-SAW-TE0117A Datasheet
241Kb / 7P
   SAW Filter 1900/2017.5MHz (BW 40/15MHz) SMD 3.0x3.0 mm
TE0143A TAI-SAW-TE0143A Datasheet
673Kb / 13P
   Filter 1900 / 2017.5MHz 40/15MHz BW Band39/ Band34 SMD1.5X1.1 mm
TE0143B TAI-SAW-TE0143B Datasheet
1Mb / 13P
   Filter 1900 / 2017.5MHz 40/15MHz BW Band39/ Band34 SMD1.5X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com