Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU16006KV Arkusz danych(PDF) 3 Page - Rohm

Numer części BU16006KV
Szczegółowy opis  1 for input 1 output buffer with Termination sense correspondence
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU16006KV Arkusz danych(HTML) 3 Page - Rohm

  BU16006KV Datasheet HTML 1Page - Rohm BU16006KV Datasheet HTML 2Page - Rohm BU16006KV Datasheet HTML 3Page - Rohm BU16006KV Datasheet HTML 4Page - Rohm BU16006KV Datasheet HTML 5Page - Rohm BU16006KV Datasheet HTML 6Page - Rohm BU16006KV Datasheet HTML 7Page - Rohm BU16006KV Datasheet HTML 8Page - Rohm BU16006KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
BU16024KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
●BLOCK DIAGRAM
SCL
SCL_SINK
SDA
SDA_SINK
I2CEN
SELREF
VSADJ
PRE
OE
VCC
A4
B4
TMDS
Rx
TMDS
Driver
RINT
VCC
A3
B3
TMDS
Rx
TMDS
Driver
RINT
VCC
A2
B2
TMDS
Rx
TMDS
Driver
RINT
VCC
A1
TMDS
Rx
TMDS
Driver
RINT
B1
Y4
Z4
Y3
Z3
Y2
Z2
Y1
Z1
HPD
HPD_SINK(*)
(*) when HPD_SINK = “L”. Termination resistor is turned off.
Figure 2-1 Block Diagram


Podobny numer części - BU16006KV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16006KV ROHM-BU16006KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
557Kb / 20P
   HDMI Switch ICs
BU16006KV-E2 ROHM-BU16006KV-E2 Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

Podobny opis - BU16006KV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU16018KV ROHM-BU16018KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com