Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU21010MUV Arkusz danych(PDF) 9 Page - Rohm

Numer części BU21010MUV
Szczegółowy opis  Capacitive Sensor Switch Control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU21010MUV Arkusz danych(HTML) 9 Page - Rohm

Back Button BU21010MUV Datasheet HTML 5Page - Rohm BU21010MUV Datasheet HTML 6Page - Rohm BU21010MUV Datasheet HTML 7Page - Rohm BU21010MUV Datasheet HTML 8Page - Rohm BU21010MUV Datasheet HTML 9Page - Rohm BU21010MUV Datasheet HTML 10Page - Rohm BU21010MUV Datasheet HTML 11Page - Rohm BU21010MUV Datasheet HTML 12Page - Rohm BU21010MUV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BU21010MUV
Technical Note
9/14
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
E4h : Gesture Clock Setting】
Name:
GES_CLK
Address:
E4h
Description:
This register allows setting of the time base for the gesture detection.
It sets a divide ratio of the clock used.
The maximum judgment time and the sampling interval of the gesture can be set by changing this clock.
Gesture sampling interval =
1 / ( ( Internal oscillation frequency) / ( 2 * 16 * 16 ) * 1 [sec]
… G_DIV = 0
1 / ( ( Internal oscillation frequency) / ( 2 * 16 * 16 ) * 2 [sec]
… G_DIV = 1
1 / ( ( Internal oscillation frequency) / ( 2 * 16 * 16 ) * 4 [sec]
… G_DIV = 2
1 / ( ( Internal oscillation frequency) / ( 2 * 16 * 16 ) * 8 [sec]
… G_DIV = 3
Gesture maximum judgment time=(Gesture sampling interval) * TO * 16 [sec]
For example with an internal clock of 1.1MHz
G_DIV
Gesture sampling interval[msec]
Gesture maximum judgment time [sec]
0
0.46
1.90
1
0.93
3.81
2
1.86
7.62
3
3.72
15.2
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
E4h
-
-
-
-
-
-
G_DIV[1]
G_DIV[0]
R/W
-
-
-
-
-
-
W
W
Initial val.
-
-
-
-
-
-
1
0
E5h : Gesture Timeout Data Setting】
Name:
GES_TIMEOUT
Address:
E5h
Description: The maximum judgment time of the gesture is set.
A key sequence which exceeds this time is not recognized.
Gesture Maximum Judgment Time=(Gesture sampling interval) * TO * 16 [sec]
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
E5h
TO[7]
TO[6]
TO[5]
TO[4]
TO[3]
TO[2]
TO[1]
TO[0]
R/W
W
W
W
W
W
W
W
W
Initial val.
1
1
1
1
1
1
1
1
EEh : Soft Calibration】
Name:
CALIB
Address:
EEh
Description: This forces a chip re-calibration when a 1 is written and returns to 0 afterward automatically.
Please note that one should always re-calibrate after changing the gain adjustment value.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EEh
-
-
-
-
-
-
-
CALIB
R/W
-
-
-
-
-
-
-
W
Initial val.
-
-
-
-
-
-
-
0
EFh : Setting Done, Detect Start】
Name:
DONE
Address:
EFh
Description: This register should be written to following register updates.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EFh
-
-
-
-
-
-
-
DONE
R/W
-
-
-
-
-
-
-
W
Initial val.
-
-
-
-
-
-
-
0


Podobny numer części - BU21010MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21018MWV ROHM-BU21018MWV Datasheet
163Kb / 5P
   Silicon Monolithic IC
More results

Podobny opis - BU21010MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
   Capacitive Sensor Switch Control IC
BU21051FS ROHM-BU21051FS Datasheet
274Kb / 7P
   Capacitive Sensor Switch Control IC
BU21009MUV ROHM-BU21009MUV Datasheet
331Kb / 14P
   Capacitive Sensor Switch Control IC
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
   Capacitive Sensor Signal Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com