Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1163A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1163A
Szczegółowy opis  SAW Filter 914.5 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1163A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1163A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1163A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1163A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1163A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1163A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1163A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 914.5 MHz
MODEL NO.: TA1163A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: -20
°C to +70°C
4.Storage Temperature: -30
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc MHz
-
914.5
-
Insertion Loss (907 ~ 922 MHz)
IL
dB
-
1.7
3.0
Amplitude Ripple (907 ~ 922 MHz)
dB
-
0.8
1.5
Input/Output VSWR (907 ~ 922 MHz)
-
-
1.6
2.2
Attenuation (Reference level from 0 dB)
0.3 ~ 890
MHz
dB
9
20
-
933 ~ 940
MHz
dB
30
46
-
940 ~ 960
MHz
dB
35
45
-
960 ~ 1500
MHz
dB
35
38
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA1163A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1161A TAI-SAW-TA1161A Datasheet
379Kb / 8P
   SAW Filter 2549.5 MHz
logo
Golledge Electronics Lt...
TA1161A GOLLEDGE-TA1161A Datasheet
75Kb / 6P
   SAW Filter 2549.50MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1161B TAI-SAW-TA1161B Datasheet
406Kb / 7P
   SAW Filter 2549.5 MHz
TA1162A TAI-SAW-TA1162A Datasheet
380Kb / 8P
   SAW Filter 2636.5 MHz
logo
Golledge Electronics Lt...
TA1162A GOLLEDGE-TA1162A Datasheet
127Kb / 6P
   SAW Filter 2636.50MHz
More results

Podobny opis - TA1163A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
API Technologies Corp
SF0915BA02620S APITECH-SF0915BA02620S Datasheet
173Kb / 3P
   914.5 MHz SAW Filter 16 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0915BA02620S SPECTRUM-SF0915BA02620S Datasheet
173Kb / 3P
   914.5 MHz SAW Filter 16 MHz Bandwidth
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com