Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC0215A Arkusz danych(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TC0215A
Szczegółowy opis  SAW Resonator 403.550 MHz SMD 5X5 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0215A Arkusz danych(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0215A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0215A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0215A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0215A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0215A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Resonator 403.550 MHz SMD 5X5 mm
TST Parts No.: TC0215A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Asin Lin
Approval by:
Francis Chen
Date:
2005/01/13


Podobny numer części - TC0215A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TC0215A GOLLEDGE-TC0215A Datasheet
90Kb / 4P
   SAW Resonator 403.550MHz
More results

Podobny opis - TC0215A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC0250A TAI-SAW-TC0250A Datasheet
329Kb / 5P
   SAW Resonator 435.72 MHz SMD 5X5 mm
TC0117A TAI-SAW-TC0117A Datasheet
343Kb / 4P
   SAW Resonator 418 MHz SMD 5X5 mm
TC0154A TAI-SAW-TC0154A Datasheet
338Kb / 4P
   SAW Resonator 916.5 MHz SMD 5X5 mm
TC0504A TAI-SAW-TC0504A Datasheet
436Kb / 6P
   SAW Resonator 446 MHz SMD 5X5 mm
TC0234A TAI-SAW-TC0234A Datasheet
327Kb / 4P
   SAW Resonator 915 MHz SMD 5X5 mm
TC0239A TAI-SAW-TC0239A Datasheet
326Kb / 4P
   SAW Resonator 392.85 MHz SMD 5X5 mm
TC0193A TAI-SAW-TC0193A Datasheet
355Kb / 4P
   SAW Resonator 868.300 MHz SMD 5X5 mm
TC0206A TAI-SAW-TC0206A Datasheet
356Kb / 4P
   SAW Resonator 433.42 MHz SMD 5X5 mm
TD0106A TAI-SAW-TD0106A Datasheet
345Kb / 4P
   SAW Resonator 915 MHz SMD 5X5 mm
TC0243A TAI-SAW-TC0243A Datasheet
316Kb / 5P
   SAW Resonator 403.966 MHz SMD 5X5 mm
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com