Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2360FV Arkusz danych(PDF) 1 Page - Rohm

Numer części BU2360FV
Szczegółowy opis  DVD-video Reference Clock Generators for Audio/Video Equipments
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2360FV Arkusz danych(HTML) 1 Page - Rohm

  BU2360FV Datasheet HTML 1Page - Rohm BU2360FV Datasheet HTML 2Page - Rohm BU2360FV Datasheet HTML 3Page - Rohm BU2360FV Datasheet HTML 4Page - Rohm BU2360FV Datasheet HTML 5Page - Rohm BU2360FV Datasheet HTML 6Page - Rohm BU2360FV Datasheet HTML 7Page - Rohm BU2360FV Datasheet HTML 8Page - Rohm BU2360FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TECHNICAL NOTE
High-performance Clock Generator Series
DVD-video Reference
Clock Generators
for Audio/Video Equipments
BU2280FV, BU2288FV, BU2360FV, BU2362FV
Description
These clock generators are an IC generating three types of clocks - VIDEO, AUIDIO and SYSTEM clocks – necessary for
DVD player systems, with a single chip through making use of the PLL technology. Particularly, the AUDIO clock is a
DVD-Video reference and yet achieves high C/N characteristics to provide a low level of distortion factor.
Features
1) Connecting a crystal oscillator generates multiple clock signals with a built-in PLL.
2) AUDIO clock of high C/N characteristics providing a low level of distortion factor
3) The AUDIO clock provides switching selection outputs.
4) Single power supply of 3.3 V
Applications
DVD players
Lineup
Part name
BU2280FV
BU2288FV
BU2360FV
BU2362FV
Power source voltage [V]
3.0 ~ 3.6
3.0 ~ 3.6
2.7 ~ 3.6
2.7 ~ 3.6
Reference frequency [MHz]
27.0000
27.0000
27.0000
27.0000
Output
frequency
[MHz]
DVD VIDEO
2
-
-
-
-
1
27.0000
27.0000
27.0000
27.0000
1/2
-
-
-
-
DVD AUDIO, CD
(Switching outputs)
768fs
36.8640
/33.8688
-
-
-
512fs
24.5760
/22.5792
24.5760
/22.5792
24.5760
/22.5792
24.5760
/22.5792
384fs
18.4320
/16.9344
-
-
-
256fs
-
-
-
-
other
-
36.8640
/16.9344
-
36.8640
/16.9344
SYSTEM
768 (48k type)
-
-
-
36.8640
768 (44.1k type)
33.8688
33.8688
33.8688
33.8688
384 (44.1k type)
-
16.9344
-
16.9344
Jitter 1σ [psec]
70
70
70
70
Long-term-Jitter p-p [nsec]
8.0
5.0
2.5
5.0
Package
SSOP-B24
SSOP-B16
SSOP-B16
SSOP-B16
Sep. 2008


Podobny numer części - BU2360FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2360FV-E2 ROHM-BU2360FV-E2 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
More results

Podobny opis - BU2360FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
logo
STMicroelectronics
STV6432 STMICROELECTRONICS-STV6432 Datasheet
184Kb / 15P
   Audio/Video Output Buffers for STB and DVD Devices
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com