Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2396KN Arkusz danych(PDF) 8 Page - Rohm

Numer części BU2396KN
Szczegółowy opis  3ch Clock Generator for Digital Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2396KN Arkusz danych(HTML) 8 Page - Rohm

Back Button BU2396KN Datasheet HTML 4Page - Rohm BU2396KN Datasheet HTML 5Page - Rohm BU2396KN Datasheet HTML 6Page - Rohm BU2396KN Datasheet HTML 7Page - Rohm BU2396KN Datasheet HTML 8Page - Rohm BU2396KN Datasheet HTML 9Page - Rohm BU2396KN Datasheet HTML 10Page - Rohm BU2396KN Datasheet HTML 11Page - Rohm BU2396KN Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/16
●Reference data (BU2396KN basic data)
z
Fig.45 136MHz Period-Jitter
At VDD=3.3V and CL=15pF
500psec/div
Fig.46 36MHz Spectrum
At VDD=3.3V and CL=15pF
10KHz/div
Fig.47 30MHz output waveform
At VDD=3.3V and CL=15pF
5.0nsec/div
Fig.48 30MHz Period-Jitter
At VDD=3.3V and CL=15pF
500psec/div
Fig.49 30MHz Spectrum
At VDD=3.3V and CL=15pF
10KHz/div
Fig.50 24MHz output waveform
At VDD=3.3V and CL=15pF
5.0nsec/div
Fig.53 27MHz output waveform
At VDD=3.3V and CL=15pF
5.0nsec/div
Fig.51 24MHz Period-Jitter
At VDD=3.3V and CL=15pF
500psec/div
Fig.54 27MHz Period-Jitter
At VDD=3.3V and CL=15pF
500psec/div
Fig.52 24MHz Spectrum
At VDD=3.3V and CL=15pF
10KHz/div
Fig.55 27MHz Spectrum
At VDD=3.3V and CL=15pF
10KHz/div
Fig.44 36MHz output waveform
At VDD=3.3V and CL=15pF
5.0nsec/div
RBW=1KHz
VBW=100Hz
RBW=1KHz
VBW=100Hz
RBW=1KHz
VBW=100Hz
RBW=1KHz
VBW=100Hz


Podobny numer części - BU2396KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
   Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2396KN-E2 ROHM-BU2396KN-E2 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
More results

Podobny opis - BU2396KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
BU7331EKN-E2 ROHM-BU7331EKN-E2 Datasheet
572Kb / 21P
   3ch Programmable Clock Generator
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Texas Instruments
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com