Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2506FV Arkusz danych(PDF) 6 Page - Rohm

Numer części BU2506FV
Szczegółowy opis  High-precision 10bit 8ch 10ch Type D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2506FV Arkusz danych(HTML) 6 Page - Rohm

  BU2506FV Datasheet HTML 1Page - Rohm BU2506FV Datasheet HTML 2Page - Rohm BU2506FV Datasheet HTML 3Page - Rohm BU2506FV Datasheet HTML 4Page - Rohm BU2506FV Datasheet HTML 5Page - Rohm BU2506FV Datasheet HTML 6Page - Rohm BU2506FV Datasheet HTML 7Page - Rohm BU2506FV Datasheet HTML 8Page - Rohm BU2506FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BU2506FV,BU2505FV
Technical Note
6/8
www.rohm.com
2009.06 - Rev.A
© 2009 RzOHM Co., Ltd. All rights reserved.
Electrical Characteristics Curves
Fig.2 Output voltage linearity(25℃)
Fig.1 Output voltage linearity(-30℃)
0
1
2
3
4
5
6
0
200
400
600
800
1000
1200
Input Code [decimal]
0
1
2
3
4
5
6
0
200
400
600
800
1000
1200
Input Code [decimal]
0
1
2
3
4
5
6
0
200
400
600
800
1000
1200
Input Code [decimal]
Fig.3 Output voltage linearity(85℃)
-1.5
-1
-0.5
0
0.5
1
1.5
0
200
400
600
800
1000
1200
Input Code [decimal]
Fig.4 Differential linearity error
(-30℃)
Fig.5 Differential linearity error(25℃)
Fig.6 Differential linearity error(85℃)
10
15
20
25
30
35
40
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6 5.8
6
Vin [V]
-1.5
-1
-0.5
0
0.5
1
1.5
0
200
400
600
800
1000
1200
Input Code [decimal]
Fig.7 Integral linearity error(-30℃)
Fig.8 Integral linearity error(25℃)
Fig.9 Integral linearity error(85℃)
-1.5
-1
-0.5
0
0.5
1
1.5
0
200
400
600
800
1000
1200
Input Code [decimal]
-1.5
-1
-0.5
0
0.5
1
1.5
0
200
400
600
800
1000
1200
Input Code [decimal]
-1.5
-1
-0.5
0
0.5
1
1.5
0
200
400
600
800
1000
1200
Input Code [decimal]
Fig.10 Circuit current temperature
characteristic
Fig.11 Output load fluctuation characteristic
(input code : 1FFh)
2.48
2.49
2.5
2.51
2.52
-2.5
-1.5
-0.5
0.5
1.5
2.5
IOUT [mA]
Fig.12 Pull-up built in resistance
characteristic
Ta=-30℃
Ta=25℃
Ta=85℃
10
15
20
25
30
35
40
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
Vin [V]
Ta=-30℃
Ta=25℃
Ta=85℃
code=1FFh
code=000h
code=3FFh
0
1
2
3
4
5
6
-40
10
60
]
Temp. [ ℃


Podobny numer części - BU2506FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2506FV ROHM-BU2506FV Datasheet
403Kb / 6P
   10bit 8channels , D/A converter (with output buffer)
BU2506FV ROHM-BU2506FV Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
More results

Podobny opis - BU2506FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com