Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2505FV Arkusz danych(PDF) 1 Page - Rohm

Numer części BU2505FV
Szczegółowy opis  High-precision 10bit 8ch 10ch Type D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2505FV Arkusz danych(HTML) 1 Page - Rohm

  BU2505FV Datasheet HTML 1Page - Rohm BU2505FV Datasheet HTML 2Page - Rohm BU2505FV Datasheet HTML 3Page - Rohm BU2505FV Datasheet HTML 4Page - Rohm BU2505FV Datasheet HTML 5Page - Rohm BU2505FV Datasheet HTML 6Page - Rohm BU2505FV Datasheet HTML 7Page - Rohm BU2505FV Datasheet HTML 8Page - Rohm BU2505FV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2009.06 - Rev.A
© 2009 RzOHM Co., Ltd. All rights reserved.
D/A Converter Series for Electronic Adjustments
High-precision 10bit
8ch・10ch Type D/A Converters
BU2506FV, BU2505FV
Description
BU2506FV and BU2505FV ICs are high performance 10bit R-2R type DACs with 8ch and 10ch outputs, respectively.
Cascade connection is possible, ensuring suitability with multi-channel applications. Each channel incorporates a full swing
output-type buffer amplifier with high speed output response characteristics, resulting in a greatly shortened wait time.
The ICs also utilize the TTL level input method, and with the RESET pin the output voltage can be kept in the lower reference
voltage range.
Features
1) High performance, multi-channel R-2R-type 10bit D/A converter built-in
(BU2506FV: 8 channels, BU2505FV: 10 channels)
2) Full swing output type buffer amplifier incorporated at each output channel
3) The RESET terminal can keep the output voltage at all channels within the lower reference voltage range
4) Digital input compatible with TTL levels
5) 14bit 3-line serial data + RESET signal input (address 4bit + data 10bit)
6) Cascade connection available
7) LSB first / MSB first of 10bit data can be changed by the REVERSE terminal
8) Compact package: 0.65mm pitch, 20 pins (SSOP-B20)
Applications
DVDs, CD-Rs, CD-RWs, Digital cameras
Lineup
Parameter
BU2505FV
BU2506FV
Power source voltage range
4.5 to 5.5V
4.5 to 5.5V
Number of channels
10ch
8ch
Differential non linearity error
±1.0LSB
±1.0LSB
Integral non linearity error
±3.5LSB
±3.5LSB
Data transfer frequency
10MHz
10MHz
Package
SSOP-B20
SSOP-B20
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
Power source voltage
VCC
-0.3 to 6.0
V
D/A converter upper standard voltage
VDD
-0.3 to 6.0
V
Input voltage
VIN
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to 6.0
V
Storage temperature range
Tstg
-55 to 125
Power dissipation
Pd
400
*
mW
* Derated at 4mW/℃ at Ta>25℃, mounted on a 70x70x1.6mm FR4 glass epoxy board (copper foil area less than 3%)
Note: These products are not robust against radiation
Recommended Operating Conditions(Ta=25℃)
Parameter
Symbol
Limits
Unit
Power supply voltage range
VCC
4.5 to 5.5
V
Operating temperature range
Topr
-30 to 85
No.09052EAT03


Podobny numer części - BU2505FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2505FV ROHM-BU2505FV Datasheet
49Kb / 4P
   10bit 10-channel D/A converter
BU2505FV ROHM-BU2505FV Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2505FV ROHM-BU2505FV Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
More results

Podobny opis - BU2505FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com