Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC0483A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TC0483A
Szczegółowy opis  SAW Resonator 768.407 MHz SMD 3.0X3.0 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0483A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0483A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0483A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 768.407 MHz
MODEL NO.: TC0483A
REV. NO.: 1.0
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
768.371
768.407
768.443
Insertion Loss IL
dB
-
1.35
2.0
Equivalent Elements
Motional capacitance C1
fF
-
1.15
-
Motional inductance L1
μ
H
-
37.5
-
Motional resistance R1
Ohm
-
15.5
-
Parallel capacitance Co
pF
-
2.60
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 3.0X3.0X1.4mm
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1 C1
L1
# B
#E
Source Impedance
Load Impedance
50Ω
50Ω
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TC0483A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC0481A TAI-SAW-TC0481A Datasheet
460Kb / 6P
   SAW Resonator 418MHz SMD 5.0X3.5 mm
More results

Podobny opis - TC0483A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC0340A TAI-SAW-TC0340A Datasheet
402Kb / 6P
   SAW Resonator 614.726 MHz SMD 3.0X3.0 mm
TC0537A TAI-SAW-TC0537A Datasheet
414Kb / 6P
   SAW Resonator 834.64 MHz SMD 3.0X3.0 mm
TC0412A TAI-SAW-TC0412A Datasheet
403Kb / 6P
   SAW Resonator 672.531 MHz SMD 3.0X3.0 mm
TC0532A TAI-SAW-TC0532A Datasheet
403Kb / 6P
   SAW Resonator 644.873 MHz SMD 3.0X3.0 mm
TC0528A TAI-SAW-TC0528A Datasheet
407Kb / 6P
   SAW Resonator 1000MHz SMD 3.0X3.0 mm
TC0671A TAI-SAW-TC0671A Datasheet
391Kb / 6P
   SAW Resonator 1600MHz SMD 3.0X3.0 mm(300KHz)
TA0390A TAI-SAW-TA0390A Datasheet
224Kb / 7P
   SAW Filter 940.5 MHz SMD 3.0X3.0 mm
TA0562A TAI-SAW-TA0562A Datasheet
435Kb / 7P
   SAW Filter 906 MHz SMD 3.0X3.0 mm
TA0617A TAI-SAW-TA0617A Datasheet
416Kb / 7P
   SAW Filter 700 MHz SMD 3.0X3.0 mm
TA0767A TAI-SAW-TA0767A Datasheet
274Kb / 8P
   SAW Filter 675 MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com