Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS10 Arkusz danych(PDF) 1 Page - Suntan Capacitors

Numer części TS10
Szczegółowy opis  POLYSTYRENE FILM CAPACITOR-PSA&PSR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS10 Arkusz danych(HTML) 1 Page - Suntan Capacitors

  TS10 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POLYSTYRENE FILM CAPACITOR-PSA&PSR
Suntan®
INDUCTIVE, AXIAL AND RADIAL, WELDED LEAD STYLE
TS10
F E A T U R E S
Low dissipation factor and high insulation resistance.
High stability of capacitance and DF versus temperature and frequency.
High precision of capacitance is available
SPECIFICA T IONS
OPERATING TEMPERATURE
RATING VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
TEMPERATURE COEFFICIENT
-40℃ to 70℃
DC 33V, 50V, 100V, 125V, 250V, 500V, 630V
10PF to 10000PF
±1%, ±2%, ±2.5%, ±5%, ±10%
100000MΩ min at 25℃
C>330PF, DF<0.1%, Q>1000 at 1KHz
N150 ±50 ppm/℃
CAPACITORS OF OTHER SPECIFICATION ARE AVAILABLE
50VDC/100VDC
160VDC
500VDC/630VDC
50VDC/100VDC
160VDC
500VDC/630VDC
VDC
PF
D
L
Ø
d
D
L
Ø d
D
L
Ø d
VDC
PF
D
L
Ø d
D
L
Ø d
D
L
Ø d
10-56
5.5
12
0.4
5.5
12
0.4
5.5
12
0.4
820
6.0
12
0.4
6.5
12
0.4
6.5
17
0.4
68
5.5
12
0.4
5.5
12
0.4
5.5
12
0.4
1000
6.0
12
0.4
6.5
17
0.4
7.0
17
0.4
82
5.5
12
0.4
5.5
12
0.4
5.5
12
0.4
1200
6.0
12
0.4
6.5
17
0.4
7.5
17
0.4
100
6.0
12
0.4
5.5
12
0.4
5.5
12
0.4
1500
6.5
12
0.4
6.5
17
0.4
7.5
21
0.4
120
5.5
12
0.4
5.5
12
0.4
5.5
12
0.4
1800
6.5
12
0.4
7.0
17
0.4
8.0
21
0.4
150
5.5
12
0.4
5.5
12
0.4
7.5
14
0.4
2200
6.5
12
0.4
7.0
17
0.5
8.0
22
0.4
180
5.5
12
0.4
5.5
12
0.4
6.0
12
0.4
2700
7.0
12
0.4
7.0
17
0.5
8.5
22
0.4
220
5.5
12
0.4
5.5
12
0.4
6.0
12
0.4
3300
7.0
12
0.4
7.5
19
0.5
9.0
24
0.5
270
5.5
12
0.4
5.5
12
0.4
6.0
12
0.4
3900
7.5
12
0.4
7.5
19
0.5
9.5
24
0.5
330
5.5
12
0.4
5.5
12
0.4
6.5
12
0.4
4700
8.0
12
0.4
8.0
19
0.5
10
24
0.5
390
5.5
12
0.4
5.5
12
0.4
6.5
12
0.4
5600
8.5
12
0.4
9.0
19
0.5
11
24
0.5
470
5.5
12
0.4
5.5
12
0.4
6.5
12
0.4
6800
9.0
12
0.4
9.5
19
0.5
11
24
0.5
560
5.5
12
0.4
5.5
12
0.4
6.5
17
0.4
8200
9.5
12
0.4
9.5
22
0.5
12
24
0.5
680
5.5
12
0.4
6.0
12
0.4
6.5
17
0.4
10000
10.0
12
0.4
10.5
22
0.5
13
24
0.5
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - TS10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
CUI INC
TS10 CUI-TS10 Datasheet
379Kb / 4P
   TACTILE SWITCH
11/23/2021
TS10-63-26-BE-250-SMT-TR CUI-TS10-63-26-BE-250-SMT-TR Datasheet
379Kb / 4P
   TACTILE SWITCH
11/23/2021
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
   Soldering Iron
logo
Bothhand USA, LP.
TS100-06 BOTHHAND-TS100-06 Datasheet
27Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
More results

Podobny opis - TS10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
   POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
jb Capacitors Company
JFR JBCAPACITORS-JFR_15 Datasheet
211Kb / 1P
   Radial & Axial Polystyrene Film Capacitor
logo
Kemet Corporation
PHE840MB5470KB04R17 KEMET-PHE840MB5470KB04R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MD6220KD13R06L2 KEMET-PHE840MD6220KD13R06L2 Datasheet
37Kb / 1P
   Capacitor, film
R46KI315000P0M KEMET-R46KI315000P0M Datasheet
37Kb / 1P
   Capacitor, film
PHE850EA4100MA01R17 KEMET-PHE850EA4100MA01R17 Datasheet
37Kb / 1P
   Capacitor, film
F840BE104K300A KEMET-F840BE104K300A Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6220KB12R17 KEMET-PHE840MB6220KB12R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6150KB10R17 KEMET-PHE840MB6150KB10R17 Datasheet
37Kb / 1P
   Capacitor, film
R46KI322000P0M KEMET-R46KI322000P0M Datasheet
36Kb / 1P
   Capacitor, film
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com