Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS11 Arkusz danych(PDF) 1 Page - Suntan Capacitors

Numer części TS11
Szczegółowy opis  MOTOR STARTING CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS11 Arkusz danych(HTML) 1 Page - Suntan Capacitors

  TS11 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOTOR STARTING CAPACITOR
Suntan®
ELECTRICAL APPARATUE USE METALIZED FILM WITH PRECISELY QUALITY CONTROL
TS11
F E A T U R E S
High safey. High reliability
High I.R. (insulation resistance) small size.
Low D.F. (dissipation factor), lower temperature rise.
Durability and characteristics of frequency, etc..
SPECIFICA
T
IONS
OPERATING CONDITION
CAPACITANCE TOLERANCE
RATED VOLTAGE
DISSIPATION FACTOR
INSULATION RESISTANCE
LIFE TEST
1) Range of temp: -25℃~+70℃ or -40℃~+85℃
2) Max permissible over voltage: W.V X120%
3) Max permissible over current: rated current X130% 50/60,1K, 10K, 100KHz
±
5%, +10%~-5%, ±10%
200~600VAC or 250~1500VDC
Below 0.3% or 0.1%
Above 2000MΩ
1) Max capacity VA: VA X135%
2) Continue life test: W.V.X120% 1000+-12hr.
3) On-off test: W.V.X 140% on 2sec. Test cycle 100,000+-1,000 times
TS11-10
TS11-12
TS11-14
TS11-11
TS11-13
TS11-15
TS11-1
TS11-2
TS11-3
TS11-4
TS11-6
SQUARE TYPE
250VAC
300VAC
350VAC
400VAC
450VAC
CAP
µF
L
T
H
L
T
H
L
T
H
L
T
H
L
T
H
1
32
11
21
37
13.5
25
37
13.5
25
37
13.5
25
37
14.5
24
1.5
32
11
21
37
13.5
25
37
13.5
25
38
18
29
38
18
29
2
32
11
21
37
13.5
25
37
18
29
38
18
29
50
20
30
2.5
32
11
21
37
14.5
26
37
18
29
50
20
30
50
20
30
3
32
13
23.5
37
18
29
37
19
29
50
20
30
51
22
32
3.5
32
13
23.5
37
18
29
50
20
30
50
20
30
58
23
35
4
32
13.5
25
37
19
29
50
20
30
51
22
32
58
23
35
4.5
37
13.5
25
50
20
30
50
20
30
58
23
35
58
23
35
5
37
13.5
25
50
20
30
51
22
32
58
23
35
--
--
--
5.5
37
13.5
25
50
20
30
51
22
32
58
23
35
--
--
--
6
37
14.5
26
51
22
32
58
23
35
58
23
35
--
--
--
6.5
38
18
29
51
22
32
58
23
35
58
23
35
--
--
--
7
38
18
29
51
22
32
58
23
35
--
--
--
--
--
--
8
38
18
29
58
23
35
58
23
35
--
--
--
--
--
--
9
38
19
29
58
23
35
--
--
--
--
--
--
--
--
--
10
50
20
30
58
23
35
--
--
--
--
--
--
--
--
--
11
50
20
30
58
23
35
--
--
--
--
--
--
--
--
--
12
50
20
30
--
--
--
--
--
--
--
--
--
--
--
--
13
50
20
30
--
--
--
--
--
--
--
--
--
--
--
--
14
50
20
30
--
--
--
--
--
--
--
--
--
--
--
--
15
51
22
32
--
--
--
--
--
--
--
--
--
--
--
--
16
51
22
32
--
--
--
--
--
--
--
--
--
--
--
--
TS11-7
TS11-8
TS11-9
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - TS11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
   MOTOR STARTING CAPACITOR
logo
CUI INC
TS11 CUI-TS11 Datasheet
391Kb / 4P
   TACTILE SWITCH
04/13/2022
logo
Suntan Capacitors
TS11-11 SUNTAN-TS11-11_17 Datasheet
371Kb / 3P
   ELECTRICAL APPARATUE USE METALLIZED FILM WITH PRECISELY QUALITY CONTROL
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
More results

Podobny opis - TS11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS13D3-CD60 SUNTAN-TS13D3-CD60_17 Datasheet
178Kb / 1P
   MOTOR STARTING CAPACITOR
TS11 SUNTAN-TS11 Datasheet
183Kb / 1P
   MOTOR STARTING CAPACITOR
logo
jb Capacitors Company
JSW JBCAPACITORS-JSW_16 Datasheet
252Kb / 1P
   Motor Starting Capacitor
logo
EPCOS
B59502A0120A020 EPCOS-B59502A0120A020 Datasheet
64Kb / 4P
   Motor Starting
B59506A0120A020 EPCOS-B59506A0120A020_12 Datasheet
58Kb / 9P
   PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020 Datasheet
191Kb / 8P
   PTC thermistors for motor starting
B59506A0120A020 EPCOS-B59506A0120A020_09 Datasheet
195Kb / 9P
   PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020_12 Datasheet
185Kb / 8P
   PTC thermistors for motor starting
logo
jb Capacitors Company
JFS JBCAPACITORS-JFS_16 Datasheet
909Kb / 6P
   Motor Capacitor
logo
List of Unclassifed Man...
010C ETC2-010C Datasheet
865Kb / 2P
   Low starting threshold
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com