Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS13DA-CD50BP Arkusz danych(PDF) 1 Page - Suntan Capacitors

Numer części TS13DA-CD50BP
Szczegółowy opis  ALUMINUM ELECTROLYTIC CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DA-CD50BP Arkusz danych(HTML) 1 Page - Suntan Capacitors

  TS13DA-CD50BP Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
5 M M
H E I G H T
N O N
P O L A R I Z E
TS13D CD50BP
F E A T U R E S
‧ Load life of 1000 hours at 85℃
‧ Bi-polar
‧ 5mm height
Specifications
ITEMS PERFORMANCE
CHARACTERISTICS
Temperature Range(℃)
-40~+85
Leakage Current(µA)
Less than 0.03CV+3(25℃, after 5 minutes) C: Capacitance(µF), V: Voltage(V)
Capacitance Tolerance
(25℃, 120Hz)
20%
Dissipation Factor
(25℃, 120Hz)
Rated Voltage(V)
6.3
10
16
25
35
50
Φ4
0.35
0.30
0.25
0.20
0.20
0.20
Tan δ
Φ5,6.3
0.30
0.25
0.20
0.15
0.15
0.15
Load Life
(+85℃)
Time
1000 hours (with the polarity inverted every 250hrs)
Leakage current
Initial specified value or less
Capacitance Change
Within±20% of initial value
Dissipation
200% or less of initial specified value
Dimensions
mm
Multiplier for ripple current
ΦD
4
5
6.3
F
1.5
2.0
2.5
Φd
0.45
D
1.0
Frequency coefficient
Freq(Hz)
Rated voltage(v)
50,60
120
1K
10K~100K
6.3~16
0.80
1
1.1
1.2
25~35
0.80
1
1.5
1.7
50
0.80
1
1.6
1.9
Temperature coefficient
Temperature (℃)
+70 or less
+85
Factor
1.35
1
Standard ratings
6.3
10
16
25
35
50
Size(mm)
Ripple
Size(mm)
Ripple
Size(mm)
Ripple
Size(mm)
Ripple
Size(mm)
Ripple
Size(mm)
Ripple
WV(v)
Cap(uF)
ΦDxL
mArms
ΦDxL
mArms
ΦDxL
mArms
ΦDxL
mArms
ΦDxL
mArms
ΦDxL
mArms
0.1
--
--
--
--
--
--
--
--
--
--
4x5
2
0.22
--
--
--
--
--
--
--
--
--
--
4x5
3
0.33
--
--
--
--
--
--
--
--
--
--
4x5
4
0.47
--
--
--
--
--
--
--
--
--
--
4x5
5
1
--
--
--
--
--
--
--
--
--
--
4x5
7
2.2
--
--
--
--
--
--
--
--
4x5
11
5x5
14
3.3
--
--
--
--
--
--
4x5
13
5x5
17
6.3x5
20
4.7
--
--
--
--
4x5
14
5x5
21
6.3x5
24
6.3x5
24
10
--
--
4x5
18
5x5
26
6.3x5
35
6.3x5
35
--
--
22
5x5
31
6.3x5
40
6.3x5
45
--
--
--
--
--
--
33
6.3x5
45
6.3x5
49
--
--
--
--
--
--
--
--
47
6.3x5
54
6.3x5
59
--
--
--
--
--
--
--
--
Ripple Current: 85℃, 120Hz
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - TS13DA-CD50BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS13DA-CD50BP SUNTAN-TS13DA-CD50BP_17 Datasheet
80Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Podobny opis - TS13DA-CD50BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com