Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS13EH-CD137 Arkusz danych(PDF) 1 Page - Suntan Capacitors

Numer części TS13EH-CD137
Szczegółowy opis  ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13EH-CD137 Arkusz danych(HTML) 1 Page - Suntan Capacitors

  TS13EH-CD137 Datasheet HTML 1Page - Suntan Capacitors TS13EH-CD137 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
TS13E CD137
F E A T U R E S
Development specially for the
demand of higher voltage with
compact size.
500V and 550V added in the series.
Warranty of 5000 hours at 85℃
Specifications
ITEMS SPECIFICA
TIONS
Rated Voltage Range(V)
400, 450, 500V, 550V
Operating Temperature Range(℃)
-40℃~+85℃
Capacitance Tolerance(20℃,120Hz)
±20
%
Dissipation Factor(20℃,120Hz)
400, 450V.DC : 0.15
500, 550V.DC : 0.20
Leakage current(μA)
0.01CV or 5mA,whichever is smaller. (at 20℃,after 5 minutes)
C:Nominal capacitance (μF) V:Rated voltage(V)
Load Life (+85℃)
Time
5000 hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within±15% of the initial value
Dissipation Factor
Not more than 175% of the specified value.
Shelf Life (+85℃)
Time
1000 hours
Leakage Current
Not more than the specified value.
Capacitance Change
Within ±15% of the initial value
Dissipation Factor
Not more than 175% of the specified value.
After Test: UR to be applied for 30 minutes, 12 to 24 hours before measurement
Dimensions
Φ
D
51
64
77
90
101
P
22
28.6
32
32
41.5
Multiplier for ripple current
Frequency coefficient
Frequency(Hz)
50,60
120
300
1K
≥10K
Factor
0.7
1.0
1.1
1.3
1.40
Temperature coefficient
Temperature(℃)
+40
+60
+85
Factor
1.89
1.67
1.00
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
Sleeve
L±2max
Vent


Podobny numer części - TS13EH-CD137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS13EH-CD137 SUNTAN-TS13EH-CD137_17 Datasheet
293Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Podobny opis - TS13EH-CD137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com