Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS110L Arkusz danych(PDF) 3 Page - Silicon Standard Corp.

Numer części SS110L
Szczegółowy opis  Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSC [Silicon Standard Corp.]
Strona internetowa  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS110L Arkusz danych(HTML) 3 Page - Silicon Standard Corp.

  SS110L Datasheet HTML 1Page - Silicon Standard Corp. SS110L Datasheet HTML 2Page - Silicon Standard Corp. SS110L Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SS12L thru SS115L
08/22/2007 Rev.1.00
www.SiliconStandard.com
3
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
50
20
10
5
2
1
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
80
100
120
140
160
1.2
1.0
0.8
0.6
0.4
0.2
0
LEAD TEMPERATURE. ( C)
o
100
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
FIG.5- TYPICAL JUNCTION CAPACITANCE
T = 100
C
O
J
T= 7
5 C
J
O
T=
25 C
J
O
100
50
20
10
5
2
1
0.1
1.0
10
100
1000
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
O
FIG.4- TYPICAL REVERSE CHARACTERISTICS
10,000
1,000
100
10
1
0.1
0
20
40
60
80
100
120
140
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
8.3ms Single
Half Sine Wave
Tj=Tj max
SS13L-SS14L
SS12L
SS19L-SS110L
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
T, PULSE DURATION. (sec)
SS15L-SS16L
SS115L
RATINGS AND CHARACTERISTIC CURVES


Podobny numer części - SS110L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
SS110L TSC-SS110L Datasheet
50Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS110L TSC-SS110L Datasheet
545Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS110L TSC-SS110L Datasheet
204Kb / 4P
   Surface Mount Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS110L JUXING-SS110L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
logo
HY ELECTRONIC CORP.
SS110L HY-SS110L Datasheet
408Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
More results

Podobny opis - SS110L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com