Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W02M Arkusz danych(PDF) 1 Page - Won-Top Electronics

Numer części W02M
Szczegółowy opis  1.5A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

W02M Arkusz danych(HTML) 1 Page - Won-Top Electronics

  W02M Datasheet HTML 1Page - Won-Top Electronics W02M Datasheet HTML 2Page - Won-Top Electronics W02M Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
W005M – W10M
1 of 3
© 2002 Won-Top Electronics
W005M – W10M
1.5A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
+
~
~
-
!
UL Recognized File # E157705
C
D
Mechanical Data
!
Case: Molded Plastic
E
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
~
!
Polarity: As Marked on Body
!
Weight: 1.1 grams (approx.)
-
!
Mounting Position: Any
+
!
Marking: Type Number
G
G
~
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
W005M W01M
W02M
W04M
W06M
W08M
W10M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
40
A
Forward Voltage (per element)
@IF = 1.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
WT E
PO W E R SEM IC O ND UC TO R S
WOB
Dim
Min
Max
A
8.60
9.10
B
5.0
5.50
C
27.9
D
25.4
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm


Podobny numer części - W02M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
W02M MCC-W02M Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Rectron Semiconductor
W02M RECTRON-W02M Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Taiwan Semiconductor Co...
W02M TSC-W02M Datasheet
74Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
W02M CHENG-YI-W02M Datasheet
121Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Yea Shin Technology Co....
W02M YEASHIN-W02M Datasheet
365Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Podobny opis - W02M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zibo Seno Electronic En...
RB151 ZSELEC-RB151 Datasheet
163Kb / 2P
   1.5A BRIDGE RECTIFIER
logo
Won-Top Electronics
RB150 WTE-RB150 Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBP151G ZSELEC-KBP151G Datasheet
338Kb / 2P
   1.5A BRIDGE RECTIFIER
FBP005 ZSELEC-FBP005 Datasheet
84Kb / 2P
   1.5A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBP150 WTE-KBP150 Datasheet
35Kb / 3P
   1.5A BRIDGE RECTIFIER
B40C1500 WTE-B40C1500 Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
TAITRON Components Inco...
RB151 TAITRON-RB151 Datasheet
214Kb / 5P
   1.5A Bridge Rectifier
logo
NTE Electronics
NTE5304 NTE-NTE5304 Datasheet
17Kb / 2P
   Silicon Bridge Rectifier, 1.5A
logo
Diodes Incorporated
W005G DIODES-W005G Datasheet
52Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com