Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W04M Arkusz danych(PDF) 3 Page - Won-Top Electronics

Numer części W04M
Szczegółowy opis  1.5A BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

W04M Arkusz danych(HTML) 3 Page - Won-Top Electronics

  W04M Datasheet HTML 1Page - Won-Top Electronics W04M Datasheet HTML 2Page - Won-Top Electronics W04M Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
W005M – W10M
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
W005M
Round Bridge
1000 Units/Box
W01M
Round Bridge
1000 Units/Box
W02M
Round Bridge
1000 Units/Box
W04M
Round Bridge
1000 Units/Box
W06M
Round Bridge
1000 Units/Box
W08M
Round Bridge
1000 Units/Box
W10M
Round Bridge
1000 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Podobny numer części - W04M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
W04M MCC-W04M Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Rectron Semiconductor
W04M RECTRON-W04M Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Taiwan Semiconductor Co...
W04M TSC-W04M Datasheet
74Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
W04M CHENG-YI-W04M Datasheet
121Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Yea Shin Technology Co....
W04M YEASHIN-W04M Datasheet
365Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Podobny opis - W04M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zibo Seno Electronic En...
RB151 ZSELEC-RB151 Datasheet
163Kb / 2P
   1.5A BRIDGE RECTIFIER
logo
Won-Top Electronics
RB150 WTE-RB150 Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBP151G ZSELEC-KBP151G Datasheet
338Kb / 2P
   1.5A BRIDGE RECTIFIER
FBP005 ZSELEC-FBP005 Datasheet
84Kb / 2P
   1.5A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBP150 WTE-KBP150 Datasheet
35Kb / 3P
   1.5A BRIDGE RECTIFIER
B40C1500 WTE-B40C1500 Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
TAITRON Components Inco...
RB151 TAITRON-RB151 Datasheet
214Kb / 5P
   1.5A Bridge Rectifier
logo
NTE Electronics
NTE5304 NTE-NTE5304 Datasheet
17Kb / 2P
   Silicon Bridge Rectifier, 1.5A
logo
Diodes Incorporated
W005G DIODES-W005G Datasheet
52Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com