Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R-311L-D Arkusz danych(PDF) 3 Page - Schurter Inc.

Numer części R-311L-D
Szczegółowy opis  Power Cord with IEC Connector C13, Angled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

R-311L-D Arkusz danych(HTML) 3 Page - Schurter Inc.

  R-311L-D Datasheet HTML 1Page - Schurter Inc. R-311L-D Datasheet HTML 2Page - Schurter Inc. R-311L-D Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Cord Sets
3L
www.schurter.com/pg07_2
Connectors
Category / Description
Power Entry Module Overview complete
IEC Appliance Inlet C14 or C18 with Fuseholder 1-pole
1062
IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
1064
IEC Appliance Inlet C18 with Fuseholder 1-pole
1065
IEC Appliance Inlet C18 with Fuseholder 1- or 2-pole
1066
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1092
Power Entry Module further types to 311L
...
Power Entry Module with line filter Overview complete
IEC Appliance Inlet C14 with Filter
5110
IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
5145
IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
5200
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220
IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole
8843-8
Power Entry Module with line filter further types to 311L
...
The specifications, descriptions and illustrations indicated in this document are based on
current information. All content is subject to modifications and amendments.


Podobny numer części - R-311L-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
R-3 LUGUANG-R-3 Datasheet
286Kb / 3P
   Genral Purpose Plastic Rectifier
logo
Festo Corporation.
R-3-1/4-B FESTO-R-3-1/4-B Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
R-3-M5 FESTO-R-3-M5 Datasheet
91Kb / 1P
   Roller lever valve
logo
Okaya Electric America,...
R-302BUZ OKAYA-R-302BUZ Datasheet
277Kb / 1P
   SURGE PROTECTOR
R-302BWZ OKAYA-R-302BWZ Datasheet
277Kb / 1P
   SURGE PROTECTOR
More results

Podobny opis - R-311L-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
3011 SCHURTER-3011 Datasheet
379Kb / 3P
   Power Cord with IEC Connector C13, Angled
3013 SCHURTER-3013 Datasheet
412Kb / 3P
   Power Cord with IEC Connector C13, Angled
3012 SCHURTER-3012 Datasheet
385Kb / 3P
   Power Cord with IEC Connector C13, Angled
0311 SCHURTER-0311 Datasheet
391Kb / 3P
   Power Cord with IEC Connector C13, Angled
6000.0224 SCHURTER-6000.0224_18 Datasheet
301Kb / 3P
   Power Supply Cord with IEC Connector C13 angled, stripped end
6000.0224 SCHURTER-6000.0224_V01 Datasheet
320Kb / 3P
   Power Supply Cord with IEC Connector C13 angled, stripped end
3020 SCHURTER-3020 Datasheet
371Kb / 3P
   Power Cord with IEC Connector C13
6051.2188 SCHURTER-6051.2188 Datasheet
341Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
6051.2008 SCHURTER-6051.2008 Datasheet
341Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
6051.2068 SCHURTER-6051.2068 Datasheet
281Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com