Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCW68H Arkusz danych(PDF) 1 Page - Zetex Semiconductors

Numer części BCW68H
Szczegółowy opis  PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZETEX [Zetex Semiconductors]
Strona internetowa  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCW68H Arkusz danych(HTML) 1 Page - Zetex Semiconductors

  BCW68H Datasheet HTML 1Page - Zetex Semiconductors BCW68H Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 5 - MARCH 2001
PARTMARKING DETAILS –
BCW68F –
DF
BCW68FR –
7T
BCW68G –
DG
BCW68GR –
5T
BCW68H –
DH
BCW68HR –
7N
COMPLEMENTARY TYPES – BCW66
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Emitter Voltage
VCES
-60
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current(10ms)
ICM
-1000
mA
Continuous Collector Current
IC
-800
mA
Base Current
IB
-100
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
BCW68
C
B
E
SOT23
TBA


Podobny numer części - BCW68H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BCW68H SIEMENS-BCW68H Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Guangdong Kexin Industr...
BCW68H KEXIN-BCW68H Datasheet
1Mb / 3P
   PNP Transistors
logo
Micro Commercial Compon...
BCW68H MCC-BCW68H Datasheet
89Kb / 2P
   PNP Small Signal Transistor 330mW
logo
Guangdong Kexin Industr...
BCW68H KEXIN-BCW68H Datasheet
1Mb / 3P
   PNP Transistors
logo
Infineon Technologies A...
BCW68H INFINEON-BCW68H Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
More results

Podobny opis - BCW68H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX749 DIODES-ZTX749 Datasheet
70Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6732 NJSEMI-2N6732 Datasheet
44Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FXT755 ZETEX-FXT755 Datasheet
29Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT753 KEXIN-FZT753 Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com