Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9148 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9148
Szczegółowy opis  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9148 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9148 Datasheet HTML 1Page - Analog Devices AD9148 Datasheet HTML 2Page - Analog Devices AD9148 Datasheet HTML 3Page - Analog Devices AD9148 Datasheet HTML 4Page - Analog Devices AD9148 Datasheet HTML 5Page - Analog Devices AD9148 Datasheet HTML 6Page - Analog Devices AD9148 Datasheet HTML 7Page - Analog Devices AD9148 Datasheet HTML 8Page - Analog Devices AD9148 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 5 of 73
INPUT/OUTPUT SIGNAL SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, IOVDD = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless
otherwise noted. LVDS driver and receiver are compliant to the IEEE-1596 reduced range link, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL (SCLK, SDIO, CSB, RESETE, TMS, TDI, TCK)
Input VIN Logic High (IOVDD = 1.8 V)
1.2
V
Input VIN Logic High (IOVDD = 3.3 V)
2.0
V
Input VIN Logic Low (IOVDD = 1.8 V)
0.6
V
Input VIN Logic Low (IOVDD = 3.3 V)
0.8
V
CMOS OUTPUT LOGIC LEVEL (SDIO, SDO, IRQE, PLL_LOCK, TDO)
Output VOUT Logic High (IOVDD = 1.8 V)
1.4
V
Output VOUT Logic High (IOVDD = 3.3 V)
2.4
V
Output VOUT Logic Low (IOVDD = 1.8 V)
0.4
V
Output VOUT Logic Low (IOVDD = 3.3 V)
0.4
V
LVDS RECEIVER INPUTS (A[15:0]_x, B[15:0]_x, DCIA_x, DCIB_x, FRAMEA_x, FRAMEB_x)
Input Voltage Range, VIA or VIB
825
1575
mV
Input Differential Threshold, VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH to VIDTHL
20
mV
Receiver Differential Input Impedance, RIN
80
120
Ω
LVDS Input Rate, fINTERFACE (See Table 4)
1200
MSPS
DAC CLOCK INPUT (CLK_P, CLK_N)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage (Self-Biasing, AC-Coupled)
1.25
V
Maximum Clock Rate
1000
MSPS
REFERENCE CLOCK INPUT (REFCLK_P/SYNC_P AND REFCLK_N/SYNC_N)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage (Self-Biasing, AC-Coupled)
1.25
V
Maximum Clock Rate
500
MSPS
Minimum Clock Rate (PLL Enabled)
Loop Divider = /2
125
MSPS
Loop Divider = /4
62.5
MSPS
Loop Divider = /8
31.25
MSPS
Loop Divider = /16
15.625
MSPS
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (SCLK)
40
MHz
Minimum Pulse Width High (tPWH)
12.5
ns
Minimum Pulse Width Low (tPWL)
12.5
ns
Set-Up Time, SDI to SCLK (tDS)
1.9
ns
Hold Time, SDI to SCLK (tDH)
0.2
ns
Data Valid, SDO to SCLK (tDV)
23
ns
Setup time, CSB to SCLK (tDCSB)
1.4
ns


Podobny numer części - AD9148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5372-EBZ AD-AD9142-M5372-EBZ Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142-M5375-EBZ AD-AD9142-M5375-EBZ Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
More results

Podobny opis - AD9148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
logo
Texas Instruments
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com