Zakładka z wyszukiwarką danych komponentów |
|
AD9148BBCZRL Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD9148BBCZRL Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 73 page Quad 16-Bit,1 GSPS, TxDAC+ Digital-to-Analog Converter Preliminary Technical Data AD9148 Rev. PrA Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2010 Analog Devices, Inc. All rights reserved. FEATURES Single-carrier W-CDMA ACLR = 80 dBc @ 150 MHz IF Channel-to-channel isolation > 90 dB Analog output Adjustable 8.7 mA to 31.7 mA RL = 25 Ω to 50 Ω Novel 2×, 4×, and 8× interpolator eases data interface On-chip fine complex NCO allows carrier placement anywhere in DAC bandwidth High performance, low noise PLL clock multiplier Multiple chip synchronization interface Programmable digital inverse sinc filter Auxiliary DACs allow for offset control Gain DACs allow for I and Q gain matching Programmable I and Q phase compensation Digital gain control Flexible LVDS digital I/F supports 32- or 16-bit bus widths 196-ball CSP_BGA, 12 mm × 12 mm APPLICATIONS Wireless infrastructure LTE, TD-SCDMA, WiMAX, W-CDMA, CDMA2000, GSM MIMO/transmit diversity Digital high or low IF synthesis GENERAL DESCRIPTION The AD9148 is a quad, 16-bit, high dynamic range, digital-to- analog converter (DAC) that provides a sample rate of 1000 MSPS. These devices include features optimized for direct conversion transmit applications, including gain, phase, and offset compen- sation. The DAC outputs are optimized to interface seamlessly with analog quadrature modulators such as the ADL5371/ ADL5372/ ADL5373/ADL5374/ADL5375. A serial peripheral interface (SPI) is provided for programming of the internal device parameters. Full-scale output current can be programmed over a range of 10 mA to 30 mA. The devices operate from 1.8 V and 3.3 V supplies for a total power consumption of 3 W at the maximum sample rate. They are enclosed in 196-ball chip scale package ball grid array with the option of an attached heat spreader. PRODUCT HIGHLIGHTS 1. Low noise and intermodulation distortion (IMD) enable high quality synthesis of wideband signals from baseband to high intermediate frequencies. 2. A proprietary DAC output switching technique enhances dynamic performance. 3. The current outputs are easily configured for various single-ended or differential circuit topologies. 4. LVDS data input interface includes FIFO to ease input timing. TYPICAL SIGNAL CHAIN FPGA/ASIC/DSP NOTES 1. AQM = ANALOG QUADRATURE MODULATOR. DC COMPLEX BASEBAND COMPLEX IF RF fIF LO ± fIF DAC1 DAC2 DIGITAL INTERPOLATION FILTERS POST DAC ANALOG FILTER DAC3 DAC4 POST DAC AQM LO AQM ↑2 ↑2 ↑2 ↑2 ↑2 ↑2 ↑2 ↑2 ↑2 ↑2 ↑2 ↑2 PA PA LO Figure 1. |
Podobny numer części - AD9148BBCZRL |
|
Podobny opis - AD9148BBCZRL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |